Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK405-5-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK405-5-R
Description  Extension Cable for 25 Pin Interface
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK405-5-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK405-5-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
11.11.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK404-2-R (2 Meters)
AK526-3-R (3 Meters)
AK405-5-R (5 Meters)
Extension Cable for 25 Pin Interface,
D-Sub 25 pin M to D-Sub 25 pin F,
Serial / Parallel
Complaint
RoHS
rev00
Material:
• Cable: #28 25C+1+AL/MY O.D:7.0mm
• Both connectors with normal type
• Screw(Metal):#4-40UNC Type
• Assembly(Snap Hood) Type
Notes:
• Total Length: See “Item No.”
• Color: Beige
• Assembly Type
See“Item No.”


Similar Part No. - AK405-5-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK401-2 ASSMANN-AK401-2 Datasheet
118Kb / 1P
ASS 7239 CA
AK402-5-R ASSMANN-AK402-5-R Datasheet
85Kb / 1P
Serial/Parallel Connection Cable
AK402013-R ASSMANN-AK402013-R Datasheet
300Kb / 1P
plastic housing, M/F, black
logo
Alpha Industries
AK402D4-11 ALPHA-AK402D4-11 Datasheet
196Kb / 3P
GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
AK402D4-31 ALPHA-AK402D4-31 Datasheet
196Kb / 3P
GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
More results

Similar Description - AK405-5-R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M3T-F160-EXTC RENESAS-M3T-F160-EXTC Datasheet
111Kb / 1P
Extension Cable for FLX160
logo
Assmann Electronics Inc...
AK163-7-R ASSMANN-AK163-7-R Datasheet
283Kb / 1P
SEREAL CONNECTION CABLE FOR 25 PIN
AK174-3 ASSMANN-AK174-3 Datasheet
104Kb / 1P
Connection Cable for 9 Pin Interface
AK230-2-R ASSMANN-AK230-2-R Datasheet
113Kb / 1P
Extension Cable for 9 Pin InterfacE
AK231-2-R ASSMANN-AK231-2-R Datasheet
108Kb / 1P
Serial Connection Cable for 9 Pin Interface
AK404-2-R ASSMANN-AK404-2-R Datasheet
96Kb / 1P
Extension Cable for 25 Pin Interface
AK526-3-R ASSMANN-AK526-3-R Datasheet
96Kb / 1P
Extension Cable for 25 Pin Interface
AK133-2 ASSMANN-AK133-2 Datasheet
118Kb / 1P
Serial Extension Cable - 25-pin Female to Female
AK138-2-R ASSMANN-AK138-2-R Datasheet
261Kb / 1P
SERIAL EXTENSION CABLE FOR 36-PIN INTERFACE
logo
Pepperl+Fuchs Inc.
UDB-CABLE-1M PF-UDB-CABLE-1M Datasheet
464Kb / 1P
Extension cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com