Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1687G Datasheet(PDF) 1 Page - NEC

Part # UPC1687G
Description  GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1687G Datasheet(HTML) 1 Page - NEC

  UPC1687G Datasheet HTML 1Page - NEC UPC1687G Datasheet HTML 2Page - NEC UPC1687G Datasheet HTML 3Page - NEC UPC1687G Datasheet HTML 4Page - NEC UPC1687G Datasheet HTML 5Page - NEC UPC1687G Datasheet HTML 6Page - NEC UPC1687G Datasheet HTML 7Page - NEC UPC1687G Datasheet HTML 8Page - NEC UPC1687G Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATA SHEET
Caution Electro-static sensitive devices
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
BIPOLAR ANALOG INTEGRATED CIRCUIT
µµµµPC1687G/GV
GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
Document No. P11101EJ4V0DS00 (4th edition)
Date Published October 1999 N CP(K)
Printed in Japan
DATA SHEET
The mark
shows major revised points.
1996, 1999
©
DESCRIPTION
The
µPC1687 is Silicon monolithic IC designed for UHF band receiver applications. This IC consists of double
balanced mixer, local oscillator, IF amplifier, and voltage regulator.
The package is 8-pin SOP or SSOP suitable for high-density surface mount.
FEATURES
•
UHF band operation
•
Single-end push-pull IF amplifier suppresses fluctuation in output impedance.
•
Good capability of UHF-varactor diode due to balanced amplifier oscillator
•
Supply voltage: 5 V
•
Packaged in 8-pin SOP or SSOP suitable for high-density mounting
APPLICATIONS
•
Tuners for TV and VCR
•
Receivers for UHF band
ORDERING INFORMATION
Part Number
Package
Package Style
µPC1687G-E1
Embossed tape 12 mm wide.
Pin 1 indicates pull-out direction of tape.
Qty 2.5 kp/reel.
µPC1687G-E2
8-pin plastic SOP (225 mil)
Embossed tape 12 mm wide.
Pin 1 indicates roll-in direction of tape.
Qty 2.5 kp/reel.
µPC1687GV-E1
8-pin plastic SSOP (175 mil)
Embossed tape 8 mm wide.
Pin 1 indicates pull-out direction of tape.
Qty 1 kp/reel.
Remark To order evaluation samples, please contact your local NEC office. (Part number for sample order:
µPC1687G, µPC1687GV)


Similar Part No. - UPC1687G

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC1687GV CEL-UPC1687GV Datasheet
48Kb / 5P
900 MHz SILICON RFIC DOWN CONVERTER
UPC1687GV-E1 CEL-UPC1687GV-E1 Datasheet
48Kb / 5P
900 MHz SILICON RFIC DOWN CONVERTER
More results

Similar Description - UPC1687G

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1685G NEC-UPC1685G Datasheet
80Kb / 16P
GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
UPC1686G NEC-UPC1686G Datasheet
84Kb / 16P
GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
UPC1694GR NEC-UPC1694GR Datasheet
138Kb / 20P
GENERAL PURPOSE HIGH FREQUENCY WIDEBAND IC FOR FREQUENCY DOWN-CONVERTER
UPC2721 NEC-UPC2721 Datasheet
90Kb / 12P
GENERAL PURPOSE L-BAND DOWN CONVERTER ICs
UPC2795GV NEC-UPC2795GV Datasheet
133Kb / 12P
GENERAL PURPOSE L-BAND DOWN CONVERTER
logo
Sony Corporation
CXA3355ER SONY-CXA3355ER Datasheet
295Kb / 28P
GPS Down Converter IC
CXA3355TQ SONY-CXA3355TQ Datasheet
258Kb / 21P
GPS Down Converter IC
CXA3355AER SONY-CXA3355AER Datasheet
410Kb / 29P
GPS Down Converter IC
logo
Sanyo Semicon Device
LA8153LF SANYO-LA8153LF Datasheet
176Kb / 7P
Down Converter IC
logo
ON Semiconductor
LA8153QA ONSEMI-LA8153QA Datasheet
132Kb / 7P
Down Converter IC
February, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com