Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK180-10-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK180-10-R
Description  Extension Cable M-F 9 Pin, 10 Meters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK180-10-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK180-10-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
11.15.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK180-10-R
Extension Cable M-F 9 Pin, 10 Meters
Complaint
RoHS
rev00


Similar Part No. - AK180-10-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK182-3 ASSMANN-AK182-3 Datasheet
68Kb / 1P
Serial Connection Cable
logo
List of Unclassifed Man...
AK18D ETC1-AK18D Datasheet
155Kb / 5P
Standard Pitch DIP Adapters
AK18D-NSO ETC1-AK18D-NSO Datasheet
155Kb / 5P
Standard Pitch DIP Adapters
AK18D-SOJ-64KX4 ETC1-AK18D-SOJ-64KX4 Datasheet
155Kb / 5P
Standard Pitch DIP Adapters
AK18D-WSO ETC1-AK18D-WSO Datasheet
155Kb / 5P
Standard Pitch DIP Adapters
More results

Similar Description - AK180-10-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U024-010 TRIPPLITE-U024-010 Datasheet
490Kb / 3P
USB 2.0 Hi-Speed Extension Cable (A M/F) 10-ft.
logo
Assmann Electronics Inc...
AK230-2-R ASSMANN-AK230-2-R Datasheet
113Kb / 1P
Extension Cable for 9 Pin InterfacE
AK322-2-R ASSMANN-AK322-2-R Datasheet
86Kb / 1P
VGA Moniter Extension Cable - 2 Meters
AK373-3-R ASSMANN-AK373-3-R Datasheet
66Kb / 1P
VGA Monitor Extension Cable - 3 Meters
AK3750XF-R ASSMANN-AK3750XF-R Datasheet
205Kb / 1P
Premium XGA Monitor Extension Cable - 10 Meters
AK528G-5-R ASSMANN-AK528G-5-R Datasheet
43Kb / 1P
PS/2 Extension Cable, Straight, 5 Meters
logo
Tripp Lite. All Rights ...
P510010 TRIPPLITE-P510010 Datasheet
490Kb / 2P
VGA Monitor Extension Cable, 640x480 (HD15 M/F),10-ft
U324010 TRIPPLITE-U324010 Datasheet
491Kb / 2P
USB 3.0 SuperSpeed Extension Cable (AA M-F),10-ft
P510-010 TRIPPLITE-P510-010 Datasheet
161Kb / 2P
VGA Monitor Extension Cable, 640x480 (HD15 M/F), 10-ft.
U324-010 TRIPPLITE-U324-010 Datasheet
162Kb / 3P
USB 3.0 SuperSpeed Extension Cable (AA M/F), 10-ft.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com