Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1853 Datasheet(PDF) 13 Page - NEC

Part # UPC1853
Description  MATRIX SURROUND IC WITH I2C BUS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1853 Datasheet(HTML) 13 Page - NEC

Back Button UPC1853 Datasheet HTML 9Page - NEC UPC1853 Datasheet HTML 10Page - NEC UPC1853 Datasheet HTML 11Page - NEC UPC1853 Datasheet HTML 12Page - NEC UPC1853 Datasheet HTML 13Page - NEC UPC1853 Datasheet HTML 14Page - NEC UPC1853 Datasheet HTML 15Page - NEC UPC1853 Datasheet HTML 16Page - NEC UPC1853 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
µPC1853
13
Table 1-1 Explanation of Pins (6/8)
Pin Number
Pin Name
Equivalent Circuit
Description
21
SDA
Serial data line pin (data input for I2C
bus).
Pin voltage: approx. 0.0 V
22
ADS
Slave address selection pin.
Pin voltage: approx. 0.0 V
23
DGND
Ground for I2C bus signal.
Pin voltage: approx. 0.0 V
24
1
VCC
Filter pin for middle point of supply
2
voltage.
Pin voltage: approx. 6.0 V
21
4 k
Ω
150
Ω
1 k
Ω
1 k
Ω
VCC
VCC
25
k
Ω
125 k
Ω
22
4 k
Ω
1
23
24
VCC
VCC
VCC
10 k
Ω
5 k
Ω
10 k
Ω
20 k
Ω
20 k
Ω
5 k
Ω
µF
22
VCC
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com