Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1853 Datasheet(PDF) 21 Page - NEC

Part # UPC1853
Description  MATRIX SURROUND IC WITH I2C BUS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1853 Datasheet(HTML) 21 Page - NEC

Back Button UPC1853 Datasheet HTML 17Page - NEC UPC1853 Datasheet HTML 18Page - NEC UPC1853 Datasheet HTML 19Page - NEC UPC1853 Datasheet HTML 20Page - NEC UPC1853 Datasheet HTML 21Page - NEC UPC1853 Datasheet HTML 22Page - NEC UPC1853 Datasheet HTML 23Page - NEC UPC1853 Datasheet HTML 24Page - NEC UPC1853 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
(1)
µPC1853-01
Bit
MSB
LSB
Sub-
D7
D6
D5
D4
D3
D2
D1
D0
address
00H
Rear output
Low boost
Low boost gain
Rear output
L+R signal
Audio output
Main output
Audio output
selection
0: OFF
0: 6 dB
mute
output mute
mute
mute
control link
0:
φ(L-R)
1: ON
1: 3 dB
0: OFF
0: OFF
0: OFF
0: OFF
0: OFF
1: L-R
1: ON
1: ON
1: ON
1: ON
1: ON
01H
0
Automatic increment
Main output volume control
0: OFF
Attenuation volume
:
Flat
to
Low
1: ON
Data
:
111111
to
000000
02H
0
Automatic increment
Balance control
0: OFF
L-channel attenuation volume :
Low
to
Flat
to
Flat
1: ON
R-channel attenuation volume :
Flat
to
Flat
to
Low
Data
:
111111
to
100000
to
000000
03H
0
Automatic increment
Bass control
0: OFF
Gain
:
Boost
to
0 dB
to
Cut
1: ON
Data
:
111111
to
100000
to
000000
04H
0
Automatic increment
Treble control
0: OFF
Gain
:
Boost
to
0 dB
to
Cut
1: ON
Data
:
111111
to
100000
to
000000
05H
0
Automatic increment
L+R signal output volume control
0: OFF
Attenuation volume
:
Flat
to
Low
1: ON
Data
:
111111
to
000000
06H
0
Automatic increment
Audio output volume control
0: OFF
Attenuation volume
:
Flat
to
Low
1: ON
Data
:
111111
to
000000
07H
0
Automatic increment
Rear output volume control
0: OFF
Attenuation volume
:
Flat
to
Low
1: ON
Data
:
111111
to
000000
08H
Surround
Automatic increment
Units of phase
Monaural/Stereo
Effect control
ON/OFF
0: OFF
shifters
selection
Effect :
Large
to
Normal
to
Small
0: OFF
1: ON
0: 4 units
0: Stereo
Data :
1111
to
1000
to
0000
1: ON
1: 1 unit
1: Monaural
Caution Be sure to write data “0” in the subaddress 01H to 07H, bit D7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com