Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPI511 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KPI511
Description  Photo Interrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KPI511 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KPI511 Datasheet HTML 1Page - KODENSHI_AUK CORP. KPI511 Datasheet HTML 2Page - KODENSHI_AUK CORP. KPI511 Datasheet HTML 3Page - KODENSHI_AUK CORP. KPI511 Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KPI511
Rev. date: 28-JAN-11
KSD-XXXXXX-000
Photo Interrupter
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Description
The KPI511 is a high performance transmissive type photo interrupter,
combines high-output GaAs IRED with high sensitive phototransistor.
Features
PWB direct mount type.
Widely applicable.
5.0mm gap.
RoHS compliant.
Applications
Cameras.
Copiers.
Printers.
Ticket vending machines.
Absolute Maximum Ratings (Ta=25℃, Unless otherwise specified)
Characteristic
Symbol
Ratings
Unit
Power Dissipation
PD
75
㎽
Forward Current
IF
40
㎃
Reverse Voltage
VR
2
V
Input
Peak Forward Current
*1
IFP
1
A
Power Dissipation
PD
50
㎽
Collector Current
IC
20
㎃
Collector-Emitter Voltage
VCEO
30
V
Output
Emitter-Collector Voltage
VECO
5
V
Operating Temperature
*2
Topr
0 ~ +65
℃
Storage Temperature
*2
Tstg
-40 ~ +70
℃
Soldering Temperature
*3
Tsol
260
℃
*1 : Pulse width (tw) ≤ 100
㎲, Period (T) = 10msec.
*2 : No icebond or dew.
*3 : The soldering should be 1mm away from bottom of the case t=within 5sec


Similar Part No. - KPI511

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KPI512 KODENSHI-KPI512 Datasheet
227Kb / 4P
Photo Interrupter
More results

Similar Description - KPI511

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNA1007H PANASONIC-CNA1007H Datasheet
58Kb / 3P
Photo Interrupter
CNA1301H PANASONIC-CNA1301H Datasheet
63Kb / 3P
Photo Interrupter
CNZ1120 PANASONIC-CNZ1120 Datasheet
30Kb / 1P
Photo Interrupter
CNA1014H PANASONIC-CNA1014H Datasheet
101Kb / 3P
Photo Interrupter
logo
Kingbright Corporation
KTIR0611S KINGBRIGHT-KTIR0611S Datasheet
133Kb / 3P
PHOTO-INTERRUPTER
KTIR0821DS KINGBRIGHT-KTIR0821DS Datasheet
149Kb / 4P
PHOTO-INTERRUPTER
KTIR0711S KINGBRIGHT-KTIR0711S Datasheet
146Kb / 4P
PHOTO-INTERRUPTER
logo
KODENSHI_AUK CORP.
KIT1001A KODENSHI-KIT1001A Datasheet
245Kb / 4P
Photo Interrupter
KIT1018S KODENSHI-KIT1018S Datasheet
253Kb / 4P
Photo Interrupter
KIT2009A KODENSHI-KIT2009A Datasheet
156Kb / 4P
Photo Interrupter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com