Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPI511 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KPI511
Description  Photo Interrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KPI511 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KPI511 Datasheet HTML 1Page - KODENSHI_AUK CORP. KPI511 Datasheet HTML 2Page - KODENSHI_AUK CORP. KPI511 Datasheet HTML 3Page - KODENSHI_AUK CORP. KPI511 Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. date: 21-JAN-11
KSD-XXXXXX-000
KPI511
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Electrical Characteristics (Ta=25℃)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=20mA
1.0
1.2
1.7
V
Peak Wavelength
λp
IF=20mA
-
940
-
nm
Input
Reverse Current
IR
VR=3V
-
-
10
uA
Dark Current
ICEO
VCE=10V, E=0lux
-
1
100
nA
Output
Peak Wavelength
λp
-
-
880
-
nm
Collector Current
IC
VCE=5.0V, IF=20mA
(Non shading)
0.2
-
-
mA
Leakage current
ICEOD
IF=10㎃, VCE=5V
Shading
-
0.5
10
uA
Transfer
Charac-
teristics
C-E Saturation
Voltage
VCE(sat)
IC=0.4mA, IF=20mA
-
-
0.4
V
Turn On Time
*4
Ton
-
15
-
usec
Response
Time
Turn Off Time
*4
Toff
VCC=5.0V, IC=0.1mA
RL=1KΩ
-
15
-
usec
*4 : Adjust amplitude and offset of square wave so that Vout transitions from 10% to 90% of Vout range of the
The Device Under Test(DUT)
Circuit for Measuring Response Time
V CC : 5V
Vout
RL : 1kΩ
+
V
Function
Generator
-
VIN
VOUT
5V
0V
90%
10%
90%
10%
ton
toff



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com