Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR40-HGL-TT-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AR40-HGL-TT-R
Description  IC-SOCKET, 40PIN, MACHINED CONTACTS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AR40-HGL-TT-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AR40-HGL-TT-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - AR40-HGL-TT-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AR40-HGW-T-R ASSMANN-AR40-HGW-T-R Datasheet
275Kb / 1P
IDC-Socket, 40 Pin, Wire Wrap,
More results

Similar Description - AR40-HGL-TT-R

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
703-3300 CAMBION-703-3300 Datasheet
32Kb / 2P
IC Socket, stamped contacts
logo
Assmann Electronics Inc...
AR14-HZL01-TT-R ASSMANN-AR14-HZL01-TT-R Datasheet
340Kb / 1P
TITLE IC-Socket, 14pin, Machined Contacts
logo
Samtec, Inc
SS-110-T-3 SAMTEC-SS-110-T-3 Datasheet
453Kb / 1P
PRECISION MACHINED SOCKET STRIPS
SD-112-G-21C SAMTEC-SD-112-G-21C Datasheet
453Kb / 1P
PRECISION MACHINED SOCKET STRIPS
logo
Assmann Electronics Inc...
AR06-HGL-TT-R ASSMANN-AR06-HGL-TT-R Datasheet
343Kb / 1P
IC-Socket, 6 Pin, Machined Contact
AR14-HGL-TT-R ASSMANN-AR14-HGL-TT-R Datasheet
333Kb / 1P
IC-Socket, 14 Pin, Machined Contact
AR18-HGL-TT-R ASSMANN-AR18-HGL-TT-R Datasheet
333Kb / 1P
IC-Socket, 18 Pin, Machined Contact
AR24-HGL-7-TT-R ASSMANN-AR24-HGL-7-TT-R Datasheet
345Kb / 1P
IC-SOCKET, 24PIN, MACHINED CONTACTS
AR28-HGL-TT-R ASSMANN-AR28-HGL-TT-R Datasheet
327Kb / 1P
IC-Socket, 28 Pin, Machined Contact
logo
Samtec, Inc
SS-126-S-2 SAMTEC-SS-126-S-2 Datasheet
453Kb / 1P
PRECISION MACHINED SOCKET STRIPS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com