Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1876 Datasheet(PDF) 13 Page - NEC

Part # UPC1876
Description  US MTS DECODER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1876 Datasheet(HTML) 13 Page - NEC

Back Button UPC1876 Datasheet HTML 9Page - NEC UPC1876 Datasheet HTML 10Page - NEC UPC1876 Datasheet HTML 11Page - NEC UPC1876 Datasheet HTML 12Page - NEC UPC1876 Datasheet HTML 13Page - NEC UPC1876 Datasheet HTML 14Page - NEC UPC1876 Datasheet HTML 15Page - NEC UPC1876 Datasheet HTML 16Page - NEC UPC1876 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
µPC1876
13
Data Sheet S11666EJ4V0DS00
2.
FUNCTION OF EACH BLOCK
In the US, TV audio signals are broadcast in FM modulation. The stereo (L–R), Sub Audio Program (SAP) and
telemetry signals are multiplexed in a higher frequency band than the monaural (L+R) signal (50 Hz to 15 kHz).
The US MTS system base-band spectrum is described before:
Figure 2-1. US MTS System Base-Band Spectrum
fH
(15.734 kHz)
2 fH
3 fH
4 fH
5 fH
6 fH
6.5 fH
Modulation frequency (Hz)
50
25
15
5
3
0
Stereo pilot
signal
Monaural
signal (L+R)
Stereo signal (L–R)
Sub Audio Program (SAP) signal
Telemetry
signal
Table 2-1. US MTS System Base-Band Spectrum
Signal frequency band
Signal processing system
Maximum audio
carrier deviation (kHz)
Monaural signal (L+R)
50 Hz to 15 kHz
25
Stereo pilot signal
15.734 kHz
Only stereo broadcasting
5
Stereo signal (L–R)
50 Hz to 15 kHz
AM modulation (carrier frequency 2 fH),
50
dbx noise reduction processing
Sub Audio Program (SAP)
50 Hz to 10 kHz
FM modulation (carrier frequency 5 fH,15
signal
maximum frequency deviation 10 kHz)
dbx noise reduction processing
Telemetry
Audio
0 to 3.4 kHz
FM modulation (carrier frequency 6.5 fH,3
signal
Data
0 to 1.5 kHz
maximum frequency deviation 3 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com