Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9944KCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9944KCPZ
Description  Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9944KCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9944KCPZ Datasheet HTML 9Page - Analog Devices AD9944KCPZ Datasheet HTML 10Page - Analog Devices AD9944KCPZ Datasheet HTML 11Page - Analog Devices AD9944KCPZ Datasheet HTML 12Page - Analog Devices AD9944KCPZ Datasheet HTML 13Page - Analog Devices AD9944KCPZ Datasheet HTML 14Page - Analog Devices AD9944KCPZ Datasheet HTML 15Page - Analog Devices AD9944KCPZ Datasheet HTML 16Page - Analog Devices AD9944KCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
AD9943/AD9944
SERIAL INTERFACE
Figure 10. Serial Write Operation
Figure 11. Continuous Serial Write Operation to All Registers
tLS
tLH
SDATA
SCK
SL
TEST BIT
A2
0
A0
A1
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
tDS
tDH
NOTES
1. SDATA BITS ARE INTERNALLY LATCHED ON THE RISING EDGES OF SCK.
2. SYSTEM UPDATE OF LOADED REGISTERS OCCURS ON SL RISING EDGE.
3. ALL 12 DATA BITS D0–D11 MUST BE WRITTEN. IF THE REGISTER CONTAINS FEWER THAN 12 BITS, ZEROS SHOULD BE USED
FOR THE UNDEFINED BITS.
4. TEST BIT IS FOR INTERNAL USE ONLY AND MUST BE SET LOW.
D11
SDATA
A0
A1
A2
D0
D1
D2
D3
D4
D5
D10
D11
SCK
SL
0
NOTES
1. MULTIPLE SEQUENTIAL REGISTERS MAY BE LOADED CONTINUOUSLY.
2. THE FIRST (LOWEST ADDRESS) REGISTER ADDRESS IS WRITTEN, FOLLOWED BY MULTIPLE 12-BIT DATA-WORDS.
3. THE ADDRESS AUTOMATICALLY INCREMENTS WITH EACH 12-BIT DATA-WORD. (ALL 12 BITS MUST BE WRITTEN.)
4. SL IS HELD LOW UNTIL THE LAST DESIRED REGISTER HAS BEEN LOADED.
5. NEW DATA IS UPDATED AT THE NEXT SL RISING EDGE.
D0
D1
D10
D11
D0
...
...
...
DATA FOR STARTING
REGISTER ADDRESS
DATA FOR NEXT
REGISTER ADDRESS
D2
D1
...
...
1
16
2
3
4
5
6
7
8
9
10
15
18
17
28
27
30
29
31
TEST
BIT
Rev. C | Page 13 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com