Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9944KCPZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9944KCPZ
Description  Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9944KCPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9944KCPZ Datasheet HTML 12Page - Analog Devices AD9944KCPZ Datasheet HTML 13Page - Analog Devices AD9944KCPZ Datasheet HTML 14Page - Analog Devices AD9944KCPZ Datasheet HTML 15Page - Analog Devices AD9944KCPZ Datasheet HTML 16Page - Analog Devices AD9944KCPZ Datasheet HTML 17Page - Analog Devices AD9944KCPZ Datasheet HTML 18Page - Analog Devices AD9944KCPZ Datasheet HTML 19Page - Analog Devices AD9944KCPZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Data Sheet
AD9943/AD9944
OUTLINE DIMENSIONS
Figure 19. 32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
5 mm × 5 mm Body, Very Very Thin Quad
(CP-32-7)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD9943KCPZ
−20°C to +85°C
32-Lead Lead Frame Chip Scale Package [LFCSP-WQ]
CP-32-7
AD9943KCPZRL
−20°C to +85°C
32-Lead Lead Frame Chip Scale Package [LFCSP-WQ]
CP-32-7
AD9944KCPZ
−20°C to +85°C
32-Lead Lead Frame Chip Scale Package [LFCSP-WQ]
CP-32-7
AD9944KCPZRL
−20°C to +85°C
32-Lead Lead Frame Chip Scale Package [LFCSP-WQ]
CP-32-7
1
Z = RoHS Compliant Part.
COMPLIANT TO JEDEC STANDARDS MO-220-WHHD.
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
32
9
16
17
24
25
8
EXPOSED
PAD
PIN 1
INDICATOR
3.25
3.10 SQ
2.95
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
0.30
0.25
0.18
5.10
5.00 SQ
4.90
0.80
0.75
0.70
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.50
0.40
0.30
0.25 MIN
Rev. C | Page 19 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com