Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1935 Datasheet(PDF) 13 Page - NEC

Part # UPC1935
Description  DC-DC CONVERTER CONTROL IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1935 Datasheet(HTML) 13 Page - NEC

Back Button UPC1935 Datasheet HTML 9Page - NEC UPC1935 Datasheet HTML 10Page - NEC UPC1935 Datasheet HTML 11Page - NEC UPC1935 Datasheet HTML 12Page - NEC UPC1935 Datasheet HTML 13Page - NEC UPC1935 Datasheet HTML 14Page - NEC UPC1935 Datasheet HTML 15Page - NEC UPC1935 Datasheet HTML 16Page - NEC UPC1935 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet G13418EJ3V0DS00
13
µµµµ PC1935
2.6
Timer Latch-Method Short Circuit Protection Circuit
When the outputs of the converters for each channel drop, the FB outputs of the error amplifiers of those outputs go
high (FB3 output goes low). If the FB output exceeds the timer latch input detection voltage (VTH = 1.9 V) (FB3 output goes
lower than the timer latch input detection voltage (VTH = 0.63 V)), then the output of the SCP comparator goes low, and Q1
goes off.
When Q1 turns OFF, the constant-current supply charges CDLY via the DLY pin. The DLY pin is internally connected to a
flip-flop. When the DLY pin voltage reaches the UV detection voltage (VUV = 0.8 V (TYP.)), the output Q of the flip-flop goes
low, and the output stage of each channel is latched to OFF (refer to Figure 2-1 Block Diagram).
The logic of channels 1 and 2 is reverse to that of channel 3. Consequently, an inverter circuit is inserted between the
FB output of channels 1 and 2, and SCP comparator input.
Make the power supply voltage briefly less than the reset voltage (VCCR, 1.0 V TYP.) to reset the latch circuit when the
short-circuit protection circuit has operated.
2.7
Output Circuit
The output circuit has an N-channel open-drain output providing an output withstand voltage of 30 V (absolute maximum
rating), and an output current of 21 mA (absolute maximum rating).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com