Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1935 Datasheet(PDF) 21 Page - NEC

Part # UPC1935
Description  DC-DC CONVERTER CONTROL IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1935 Datasheet(HTML) 21 Page - NEC

Back Button UPC1935 Datasheet HTML 17Page - NEC UPC1935 Datasheet HTML 18Page - NEC UPC1935 Datasheet HTML 19Page - NEC UPC1935 Datasheet HTML 20Page - NEC UPC1935 Datasheet HTML 21Page - NEC UPC1935 Datasheet HTML 22Page - NEC UPC1935 Datasheet HTML 23Page - NEC UPC1935 Datasheet HTML 24Page - NEC UPC1935 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet G13418EJ3V0DS00
21
µµµµ PC1935
4.
APPLICATION EXAMPLE
4.1
Application Example
Figure 4-1 shows an example circuit for obtaining
±5 V/50 mA and +12 V/50 mA from a +3 V power supply.
Figure 4-1 Chopper-Method/Inverting-Type Switching Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com