Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP343 Datasheet(PDF) 5 Page - Analog Devices

Part # ADCMP343
Description  Comparators and Reference with Programmable Hysteresis
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP343 Datasheet(HTML) 5 Page - Analog Devices

  ADCMP343_15 Datasheet HTML 1Page - Analog Devices ADCMP343_15 Datasheet HTML 2Page - Analog Devices ADCMP343_15 Datasheet HTML 3Page - Analog Devices ADCMP343_15 Datasheet HTML 4Page - Analog Devices ADCMP343_15 Datasheet HTML 5Page - Analog Devices ADCMP343_15 Datasheet HTML 6Page - Analog Devices ADCMP343_15 Datasheet HTML 7Page - Analog Devices ADCMP343_15 Datasheet HTML 8Page - Analog Devices ADCMP343_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
ADCMP341/ADCMP343
Rev. A | Page 5 of 12
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
OUTA
8
OUTB
2
+INA_U
7
VDD
3
+INA_L
6
+INB_U
4
GND
5
+INB_L
ADCMP341
TOP VIEW
(Not to Scale)
Figure 4. ADCMP341 Pin Configuration
1
OUTA
8
OUTB
2
–INA_U
7
VDD
3
–INA_L
6
–INB_U
4
GND
5
–INB_L
ADCMP343
TOP VIEW
(Not to Scale)
Figure 5. ADCMP343 Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
OUTA
Open-Drain Output for Comparator A.
2
±INA_U
Monitors Analog Input Voltage on Comparator A. Connect to the upper tap point of the resistor string. Connect
internally to the noninverting input on the ADCMP341 or the inverting pin on the ADCMP343 via a mux controlled
by the output level on Comparator A. The other input of Comparator A is connected to a 400 mV reference.
3
±INA_L
Monitors Analog Input Voltage on Comparator A. Connect to the lower tap point of the resistor string. Connect
internally to the noninverting input on the ADCMP341 or the inverting pin on the ADCMP343 via a mux controlled
by the output level on Comparator A. The other input of Comparator A is connected to a 400 mV reference.
4
GND
Ground.
5
±INB_L
Monitors Analog Input Voltage on Comparator B. Connect to the lower tap point of the resistor string. Connect
internally to the noninverting input on the ADCMP341 or the inverting pin on the ADCMP343 via a mux controlled
by the output level on Comparator B. The other input of Comparator B is connected to a 400 mV reference.
6
±INB_U
Monitors Analog Input Voltage on Comparator B. Connect to the upper tap point of the resistor string. Connect
internally to the noninverting input on the ADCMP341 or the inverting pin on the ADCMP343 via a mux controlled
by the output level on Comparator B. The other input of Comparator B is connected to a 400 mV reference.
7
VDD
Power Supply Pin.
8
OUTB
Open-Drain Output for Comparator B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com