Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP343 Datasheet(PDF) 3 Page - Analog Devices

Part # ADCMP343
Description  Comparators and Reference with Programmable Hysteresis
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP343 Datasheet(HTML) 3 Page - Analog Devices

  ADCMP343_15 Datasheet HTML 1Page - Analog Devices ADCMP343_15 Datasheet HTML 2Page - Analog Devices ADCMP343_15 Datasheet HTML 3Page - Analog Devices ADCMP343_15 Datasheet HTML 4Page - Analog Devices ADCMP343_15 Datasheet HTML 5Page - Analog Devices ADCMP343_15 Datasheet HTML 6Page - Analog Devices ADCMP343_15 Datasheet HTML 7Page - Analog Devices ADCMP343_15 Datasheet HTML 8Page - Analog Devices ADCMP343_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
ADCMP341/ADCMP343
Rev. A | Page 3 of 12
SPECIFICATIONS
VDD = 1.7 V to 5.5 V, −40°C ≤ TA ≤ +125°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
THRESHOLD1
Threshold Voltage
396.6
400.4
404.3
mV
VDD = 1.7 V, TA = 25°C
399.3
400.4
401.5
mV
VDD = 3.3 V, TA = 25°C
398.5
400.4
402.2
mV
VDD = 5.5 V, TA = 25°C
395.0
400.4
405.8
mV
VDD = 1.7 V, 0°C ≤ TA ≤ 70°C
397.4
400.4
403.4
mV
VDD = 3.3 V, 0°C ≤ TA ≤ 70°C
396.9
400.4
403.7
mV
VDD = 5.5 V, 0°C ≤ TA ≤ 70°C
391.2
400.4
407.7
mV
VDD = 1.7 V, −40°C ≤ TA ≤ +125°C
393.4
400.4
405.6
mV
VDD = 3.3 V, −40°C ≤ TA ≤ +125°C
393.2
400.4
405.8
mV
VDD = 5.5 V, −40°C ≤ TA ≤ +125°C
Threshold Voltage Accuracy
±0.275
%
TA = 25°C, VDD = 3.3 V
Threshold Voltage Temperature Coefficient
16
ppm/°C
POWER SUPPLY
Supply Current
6.5
9
µA
VDD = 1.7 V
7.0
10
µA
VDD = 5.5 V
INPUT CHARACTERISTICS
Input Bias Current
0.01
5
nA
VDD = 1.7 V, VIN = VDD
0.01
5
nA
VDD = 1.7 V, VIN = 0.1 V
OPEN-DRAIN OUTPUTS
Output Low Voltage2
140
220
mV
VDD = 1.7 V, IOUT = 3 mA
140
220
mV
VDD = 5.5 V, IOUT = 5 mA
Output Leakage Current3
0.01
1
µA
VDD = 1.7 V, VOUT = VDD
0.01
1
µA
VDD = 1.7 V, VOUT = 5.5 V
DYNAMIC PERFORMANCE2, 4
High-to-Low Propagation Delay
10
µs
VDD = 5 V, VOL = 400 mV
Low-to-High Propagation Delay
8
µs
VDD = 5 V, VOH = 0.9 × VDD
Output Rise Time
0.5
µs
VDD = 5 V, VO = (0.1 to 0.9) × VDD
Output Fall Time
0.07
µs
VDD = 5 V, VO = (0.1 to 0.9) × VDD
1
RL = 100 kΩ, VO = 2 V swing.
2
10 mV input overdrive.
3
VIN = 40 mV overdrive.
4
RL = 10 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com