Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP552 Datasheet(PDF) 1 Page - Analog Devices

Part # ADCMP552
Description  Single Supply High Speed PECL/LVPECL Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP552 Datasheet(HTML) 1 Page - Analog Devices

  ADCMP552_15 Datasheet HTML 1Page - Analog Devices ADCMP552_15 Datasheet HTML 2Page - Analog Devices ADCMP552_15 Datasheet HTML 3Page - Analog Devices ADCMP552_15 Datasheet HTML 4Page - Analog Devices ADCMP552_15 Datasheet HTML 5Page - Analog Devices ADCMP552_15 Datasheet HTML 6Page - Analog Devices ADCMP552_15 Datasheet HTML 7Page - Analog Devices ADCMP552_15 Datasheet HTML 8Page - Analog Devices ADCMP552_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Single Supply High Speed
PECL/LVPECL Comparators
Data Sheet
ADCMP551/ADCMP552/ADCMP553
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2004–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Single power supply
500 ps propagation delay input to output
125 ps overdrive dispersion
Differential PECL/LVPECL compatible outputs
Differential latch control
Internal latch pull-up resistors
Power supply rejection greater than 70 dB
700 ps minimum pulse width
Equivalent input rise time bandwidth > 750 MHz
Typical output rise/fall of 500 ps
Programmable hysteresis
APPLICATIONS
Automatic test equipment
High speed instrumentation
Scope and logic analyzer front ends
Window comparators
High speed line receivers
Threshold detection
Peak detection
High speed triggers
Patient diagnostics
Disk drive read channel detection
Hand-held test instruments
Zero crossing detectors
Line receivers and signal restoration
Clock drivers
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADCMP551/ADCMP552/ADCMP553 are single supply,
high speed comparators fabricated on Analog Devices’ proprietary
XFCB process. The devices feature a 500 ps propagation delay
with less than 125 ps overdrive dispersion. Overdrive dispersion,
a measure of the difference in propagation delay under differing
overdrive conditions, is a particularly important characteristic
of high speed comparators. A separate programmable hysteresis
pin is available on the ADCMP552.
A differential input stage permits consistent propagation delay
with a common-mode range from –0.2 V to VCCI – 2.0 V. Outputs
are complementary digital signals and are fully compatible with
PECL and 3.3V LVPECL logic families. The outputs provide
sufficient drive current to directly drive transmission lines
terminated in 50 Ω to VCCO − 2 V. A latch input is included
and permits tracking, track-and-hold, or sample-and-hold
modes of operation. The latch input pins contain internal pull-
ups that set the latch in tracking mode when left open.
The ADCMP551/ADCMP552/ADCMP553 are specified over
the –40°C to +85°C industrial temperature range. The ADCMP551
is available in a 16-lead QSOP package; the ADCMP552 is available
in a 20-lead QSOP package; and the ADCMP553 is available in
an 8-lead MSOP package.
NONINVERTING
INPUT
INVERTING
INPUT
LATCH ENABLE
INPUT
Q OUTPUT
LATCH ENABLE
INPUT
Q OUTPUT
ADCMP551/
ADCMP552/
ADCMP553
*ADCMP552 ONLY
HYS*


Similar Part No. - ADCMP552_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP552BRQ AD-ADCMP552BRQ Datasheet
522Kb / 14P
Single Supply High Speed PECL Comparators
ADCMP552BRQ AD-ADCMP552BRQ Datasheet
358Kb / 16P
Single-Supply, High Speed PECL/LVPECL Comparators
10/04-Revision 0
ADCMP552BRQ AD-ADCMP552BRQ Datasheet
259Kb / 16P
Single Supply High Speed PECL/LVPECL Comparators
REV. A
ADCMP552BRQZ AD-ADCMP552BRQZ Datasheet
259Kb / 16P
Single Supply High Speed PECL/LVPECL Comparators
REV. A
More results

Similar Description - ADCMP552_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP551 AD-ADCMP551 Datasheet
522Kb / 14P
Single Supply High Speed PECL Comparators
ADCMP561 AD-ADCMP561 Datasheet
335Kb / 16P
Dual High Speed PECL Comparators
7/04-Data Sheet Changed from Rev. 0 to Rev. A
ADCMP551_0410 AD-ADCMP551_0410 Datasheet
358Kb / 16P
Single-Supply, High Speed PECL/LVPECL Comparators
10/04-Revision 0
ADCMP551 AD-ADCMP551_13 Datasheet
259Kb / 16P
Single Supply High Speed PECL/LVPECL Comparators
REV. A
ADCMP562BRQZ AD-ADCMP562BRQZ Datasheet
341Kb / 16P
Dual High Speed PECL Comparators
REV. A
AD8612 AD-AD8612_15 Datasheet
414Kb / 20P
Single-Supply Comparators
REV. A
ADCMP551 AD-ADCMP551_15 Datasheet
259Kb / 16P
Single Supply High Speed PECL/LVPECL Comparators
REV. A
ADCMP553 AD-ADCMP553_15 Datasheet
259Kb / 16P
Single Supply High Speed PECL/LVPECL Comparators
REV. A
ADCMP561 AD-ADCMP561_15 Datasheet
341Kb / 16P
Dual High Speed PECL Comparators
REV. A
ADCMP562 AD-ADCMP562_15 Datasheet
341Kb / 16P
Dual High Speed PECL Comparators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com