Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP567 Datasheet(PDF) 11 Page - Analog Devices

Part # ADCMP567
Description  Dual Ultrafast Voltage Comparator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP567 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADCMP567_15 Datasheet HTML 7Page - Analog Devices ADCMP567_15 Datasheet HTML 8Page - Analog Devices ADCMP567_15 Datasheet HTML 9Page - Analog Devices ADCMP567_15 Datasheet HTML 10Page - Analog Devices ADCMP567_15 Datasheet HTML 11Page - Analog Devices ADCMP567_15 Datasheet HTML 12Page - Analog Devices ADCMP567_15 Datasheet HTML 13Page - Analog Devices ADCMP567_15 Datasheet HTML 14Page - Analog Devices ADCMP567_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ADCMP567
Rev. 0 | Page 11 of 16
TYPICAL APPLICATION CIRCUITS
03632-0-010
OUTPUTS
VIN
450
Ω
ALL RESISTORS 50
Ω UNLESS OTHERWISE NOTED
HYSTERESIS
VOLTAGE
ADCMP567
VDD – 2V
03632-0-007
ADCMP567
ALL RESISTORS 50
Ω
OUTPUTS
VIN
VREF
LATCH
ENABLE
INPUTS
VDD – 2V
Figure 7. High Speed Sampling Circuits
Figure 10. Hysteresis Using Latch Enable Input
03632-0-008
ALL RESISTORS 50
Ω
OUTPUTS
+VREF
–VREF
VIN
LATCH
ENABLE
INPUTS
ADCMP567
ADCMP567
VDD – 2V
03632-0-011
VIN
(VDD – 2) × 2
50
Ω
100
Ω
100
Ω
50
Ω
50
Ω
50
Ω
ADCMP567
Figure 11. How to Interface a PECL Output to an
Instrument with a 50 Ω to Ground Input
Figure 8. High Speed Window Comparator
03632-0-009
OUTPUTS
VIN
VREF
R1
R2
ALL RESISTORS 50
Ω
ADCMP567
VDD – 2V
Figure 9. Hysteresis Using Positive Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com