Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP567 Datasheet(PDF) 13 Page - Analog Devices

Part # ADCMP567
Description  Dual Ultrafast Voltage Comparator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP567 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADCMP567_15 Datasheet HTML 9Page - Analog Devices ADCMP567_15 Datasheet HTML 10Page - Analog Devices ADCMP567_15 Datasheet HTML 11Page - Analog Devices ADCMP567_15 Datasheet HTML 12Page - Analog Devices ADCMP567_15 Datasheet HTML 13Page - Analog Devices ADCMP567_15 Datasheet HTML 14Page - Analog Devices ADCMP567_15 Datasheet HTML 15Page - Analog Devices ADCMP567_15 Datasheet HTML 16Page - Analog Devices ADCMP567_15 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ADCMP567
Rev. 0 | Page 13 of 16
TEMPERATURE (°C)
–40 –30 –20 –10
0
1020
304050
607080
224
240
238
236
234
232
230
228
226
90
Figure 18. Propagation Delay vs. Temperature
OVERDRIVE VOLTAGE (V)
0
0.2
0
20
40
60
50
30
10
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Figure 19. Propagation Delay Error vs. Overdrive Voltage
TIME (ns)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
1.3
1.7
1.9
1.5
2.1
2.3
2.5
2.0
Figure 20. Rise and Fall of Outputs vs. Time
INPUT COMMON-MODE VOLTAGE (V)
–2
229
230
231
232
233
234
235
236
–1
01
23
Figure 21. Propagation Delay vs. Common-Mode Voltage
PULSEWIDTH (ns)
0.15
–40
–35
–30
–25
–20
–15
–10
–5
0
2.15
4.15
6.15
8.15
Figure 22. Propagation Delay Error vs. Pulsewidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com