Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP670 Datasheet(PDF) 13 Page - Analog Devices

Part # ADCMP670
Description  Dual Low Power 1.5 Comparator With 400 mV Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP670 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADCMP670 Datasheet HTML 8Page - Analog Devices ADCMP670 Datasheet HTML 9Page - Analog Devices ADCMP670 Datasheet HTML 10Page - Analog Devices ADCMP670 Datasheet HTML 11Page - Analog Devices ADCMP670 Datasheet HTML 12Page - Analog Devices ADCMP670 Datasheet HTML 13Page - Analog Devices ADCMP670 Datasheet HTML 14Page - Analog Devices ADCMP670 Datasheet HTML 15Page - Analog Devices ADCMP670 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADCMP670
Rev. A | Page 13 of
16
APPLICATION INFORMATION
The ADCMP670 is a dual low power comparator with a
built-in 400 mV reference that operates from 1.7 V to 5.5 V.
The comparator is 1.5% accurate with a built-in hysteresis of
8.9 mV. The outputs are open-drain, capable of sinking 40 mA.
COMPARATORS AND INTERNAL REFERENCE
Each comparator has one input available externally.
Comparator A has a noninverting input and Comparator B has
an inverting input available. The other comparator inputs are
connected internally to the 400 mV reference. The rising input
threshold voltage of the comparators is designed to be equal to
that of the reference.
POWER SUPPLY
The ADCMP670 is designed to operate from 1.7 V to 5.5 V.
A 0.1 μF decoupling capacitor is recommended between VDD
and GND.
INPUTS
The comparator inputs are limited to the maximum VDD voltage
range. The voltage on these inputs can be above VDD but never
above the maximum allowed VDD voltage. When adding a
resistor string to the input, care must be taken when choosing
resistor values. This is due to the fact that the input bias current
will be in parallel with the bottom resistor of the string. This
bottom resistor must therefore be chosen first to control the
error introduced by this bias current.
OUTPUTS
The comparator outputs are open-drain and are also limited to
the maximum specified VDD voltage range, regardless of the VDD
voltage. These outputs are capable of sinking up to 40 mA.
Outputs can be tied together to provide a window comparator
with a single output.
ADDING HYSTERESIS
To prevent oscillations at the output caused by noise or
slowly moving signals passing the switching threshold, each
comparator has built-in hysteresis of approximately 8.9 mV.
Positive feedback can be used to increase hysteresis to the
noninverting comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com