Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP670 Datasheet(PDF) 1 Page - Analog Devices

Part # ADCMP670
Description  Dual Low Power 1.5 Comparator With 400 mV Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP670 Datasheet(HTML) 1 Page - Analog Devices

  ADCMP670 Datasheet HTML 1Page - Analog Devices ADCMP670 Datasheet HTML 2Page - Analog Devices ADCMP670 Datasheet HTML 3Page - Analog Devices ADCMP670 Datasheet HTML 4Page - Analog Devices ADCMP670 Datasheet HTML 5Page - Analog Devices ADCMP670 Datasheet HTML 6Page - Analog Devices ADCMP670 Datasheet HTML 7Page - Analog Devices ADCMP670 Datasheet HTML 8Page - Analog Devices ADCMP670 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Dual Low Power 1.5% Comparator
With 400 mV Reference
ADCMP670
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
On
.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007-2009 Analog Devices, Inc. All rights reserved.
e Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S
FEATURES
400 mV ± 1.5% threshold
Supply range: 1.7 V to 5.5 V
Low quiescent current: 6.5 μA typical
Input range includes ground
Internal hysteresis: 8.9 mV typical
Low input bias current: ±10 nA maximum
Open-drain outputs
Supports wire-AND connections
Input polarities: one inverting and one noninverting
Low profile (1 mm) TSOT package
Drop-in replacement for the LT6700-1
APPLICATIONS
Li-Ion monitoring
Portable applications
Hand-held instruments
Window comparators
LED/relay driving
Optoisolator driving
Control systems
FUNCTIONAL BLOCK DIAGRAM
VDD
+INA
OUTA
OUTB
–INB
GND
400mV
ADCMP670-1
386
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
120
404
402
400
398
396
394
392
390
388
Figure 1.
GENERAL DESCRIPTION
The ADCMP670 consists of two low power, high accuracy,
comparator and reference circuits in a 6-lead TSOT package.
The internal 400 mV reference provides the ability to monitor
low voltage supplies. The device operates on a supply voltage
from 1.7 V to 5.5 V and draws only 6.5 μA typical, making it
suitable for low power system monitoring and portable applica-
tions. Hysteresis is included in the comparators. The comparator
outputs are open-drain and the output can be pulled up to any
voltage up to 5.5 V. The output stage is guaranteed to sink
greater than 5 mA over temperature.
The ADCMP670 is currently available in one model, the
ADCMP670-1. This model has one inverting input and one
noninverting input, making it suitable for use as a window
comparator. The device is suitable for portable, commercial,
industrial, and automotive applications.
2A
1A
1B
2B
RISING INPUT
FALLING INPUT
TWO TYPICAL PARTS
COMP A AND COMP B
VDD = 5V
Figure 2. Comparator Thresholds vs. Temperature


Similar Part No. - ADCMP670

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP670 AD-ADCMP670 Datasheet
121Kb / 14P
Dual Comparators with 400mV Reference
ADCMP670 AD-ADCMP670 Datasheet
322Kb / 16P
Dual Low Power 1.5% Comparator With 400 mV Reference
2/07-Revision 0
ADCMP670-1AUJ AD-ADCMP670-1AUJ Datasheet
121Kb / 14P
Dual Comparators with 400mV Reference
ADCMP670-1YUJZ-RL7 AD-ADCMP670-1YUJZ-RL7 Datasheet
322Kb / 16P
Dual Low Power 1.5% Comparator With 400 mV Reference
2/07-Revision 0
ADCMP670 AD-ADCMP670_07 Datasheet
322Kb / 16P
Dual Low Power 1.5% Comparator With 400 mV Reference
2/07-Revision 0
More results

Similar Description - ADCMP670

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP670 AD-ADCMP670_07 Datasheet
322Kb / 16P
Dual Low Power 1.5% Comparator With 400 mV Reference
2/07-Revision 0
logo
Texas Instruments
LMV7231 TI1-LMV7231_16 Datasheet
1Mb / 26P
Hex Window Comparator With 1.5% Precision and 400-mV Reference
TLV6713 TI1-TLV6713 Datasheet
328Kb / 19P
Micropower, 36-V Comparator With 400-mV Reference
TLV6700 TI1-TLV6700 Datasheet
1Mb / 24P
Micropower, 18V Window Comparator With 400-mV Reference
TLV6703 TI1-TLV6703 Datasheet
307Kb / 19P
Micropower, 18-V Comparator With 400-mV Reference
TLV6710 TI1-TLV6710 Datasheet
502Kb / 23P
Micropower, 36-V Window Comparator With 400-mV Reference
TLV6700 TI1-TLV6700_18 Datasheet
1Mb / 25P
Micropower, 18-V Window Comparator With 400-mV Reference
TLV6703 TI1-TLV6703_18 Datasheet
344Kb / 21P
Micropower, 18-V Comparator With 400-mV Reference
TLV6710 TI1-TLV6710_18 Datasheet
539Kb / 25P
Micropower, 36-V Window Comparator With 400-mV Reference
TLV6713 TI1-TLV6713_18 Datasheet
365Kb / 21P
Micropower, 36-V Comparator With 400-mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com