Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP603 Datasheet(PDF) 12 Page - Analog Devices

Part # ADCMP603
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP603 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADCMP603_15 Datasheet HTML 8Page - Analog Devices ADCMP603_15 Datasheet HTML 9Page - Analog Devices ADCMP603_15 Datasheet HTML 10Page - Analog Devices ADCMP603_15 Datasheet HTML 11Page - Analog Devices ADCMP603_15 Datasheet HTML 12Page - Analog Devices ADCMP603_15 Datasheet HTML 13Page - Analog Devices ADCMP603_15 Datasheet HTML 14Page - Analog Devices ADCMP603_15 Datasheet HTML 15Page - Analog Devices ADCMP603_15 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADCMP603
Rev. 0 | Page 12 of 16
50
150
250
350
450
550
650
HYSTERESIS RESISTOR (kΩ)
1
10
100
1000
VCC = 5.5V
VCC = 2.5V
The ADCMP603 comparator offers a programmable hysteresis
feature that can significantly improve accuracy and stability.
Connecting an external pull-down resistor or a current source
from the LE/HYS pin to GND varies the amount of hysteresis in
a predictable, stable manner. Leaving the LE/HYS pin
disconnected or driving it high removes the hysteresis. The
maximum hysteresis that can be applied using this pin is
approximately 160 mV. Figure 18 illustrates the amount of
hysteresis applied as a function of the external resistor value,
and Figure 9 illustrates hysteresis as a function of the current.
The hysteresis control pin appears as a 1.25 V bias voltage seen
through a series resistance of 7 kΩ ± 20% throughout the hysteresis
control range. The advantages of applying hysteresis in this manner
are improved accuracy, improved stability, reduced component
count, and maximum versatility. An external bypass capacitor is
not recommended on the HYS pin because it impairs the latch
function and often degrades the jitter performance of the device.
As described in the Using/Disabling the Latch Feature section,
hysteresis control need not compromise the latch function.
Figure 18. Hysteresis vs. R
Control Resistor
HYS
MINIMUM INPUT SLEW RATE REQUIREMENT
With the rated load capacitance and normal good PC Board
design practice, as discussed in the Optimizing Performance
section, these comparators should be stable at any input slew
rate with no hysteresis. Broadband noise from the input stage is
observed in place of the violent chattering seen with most other
high speed comparators. With additional capacitive loading or
poor bypassing, more persistent oscillations are seen. This
oscillation is due to the high gain bandwidth of the comparator
in combination with feedback parasitics in the package and PC
board. In many applications, chattering is not harmful since the
first cycle of the oscillation occurs close to V
CROSSOVER BIAS POINT
In both op amps and comparators, rail-to-rail inputs of this type
have a dual front-end design. Certain devices are active near the
VCC rail and others are active near the VEE rail. At some predeter-
mined point in the common-mode range, a crossover occurs. At
this point, typically VCC/2, the direction of the bias current reverses
and the measured offset voltages and currents change.
OS
.
The ADCMP603 slightly elaborates on this scheme. Crossover
points can be found at approximately 0.8 V and 1.6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com