Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP603 Datasheet(PDF) 14 Page - Analog Devices

Part # ADCMP603
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP603 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADCMP603_15 Datasheet HTML 8Page - Analog Devices ADCMP603_15 Datasheet HTML 9Page - Analog Devices ADCMP603_15 Datasheet HTML 10Page - Analog Devices ADCMP603_15 Datasheet HTML 11Page - Analog Devices ADCMP603_15 Datasheet HTML 12Page - Analog Devices ADCMP603_15 Datasheet HTML 13Page - Analog Devices ADCMP603_15 Datasheet HTML 14Page - Analog Devices ADCMP603_15 Datasheet HTML 15Page - Analog Devices ADCMP603_15 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADCMP603
2
Rev. 0 | Page 14 of 16
OUTLINE DIMENSIONS
*COMPLIANT TO JEDEC STANDARDS MO-220-VEED-1
EXCEPT FOR EXPOSED PAD DIMENSION.
1
0.50
BSC
0.60 MAX
PIN 1
INDICATOR
0.75
0.55
0.35
0.25 MIN
0.45
TOP
VIEW
12° MAX
0.80 MAX
0.65 TYP
PIN 1
INDICATOR
1.00
0.85
0.80
0.30
0.23
0.18
0.05 MAX
0.02 NOM
0.20 REF
*1.45
1.30 SQ
1.15
12
4
10
6
7
9
3
2.75
BSC SQ
3.00
BSC SQ
2
5
8
11
COPLANARITY
0.08
EXPOSED PAD
(BOTTOM VIEW)
SEATING
PLANE
Figure 25. 12-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
3 mm × 3 mm Body, Very Thin Quad
(CP-12-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
ADCMP603BCPZ-WP
−40°C to +125°C
12-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-12-1
G0D
1
ADCMP603BCPZ-R2
−40°C to +125°C
12-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-12-1
G0D
1
ADCMP603BCPZ-R7
−40°C to +125°C
12-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-12-1
G0D
1
Z = Pb-free part.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com