Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP605 Datasheet(PDF) 4 Page - Analog Devices

Part # ADCMP605
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP605 Datasheet(HTML) 4 Page - Analog Devices

  ADCMP605 Datasheet HTML 1Page - Analog Devices ADCMP605 Datasheet HTML 2Page - Analog Devices ADCMP605 Datasheet HTML 3Page - Analog Devices ADCMP605 Datasheet HTML 4Page - Analog Devices ADCMP605 Datasheet HTML 5Page - Analog Devices ADCMP605 Datasheet HTML 6Page - Analog Devices ADCMP605 Datasheet HTML 7Page - Analog Devices ADCMP605 Datasheet HTML 8Page - Analog Devices ADCMP605 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ADCMP604/ADCMP605
Data Sheet
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
AC PERFORMANCE1
Rise Time/Fall Time
tR, tF
10% to 90%
600
ps
Propagation Delay
tPD
VCCI = VCCO = 2.5 V to 5.0 V,
VOD = 50 mV
1.6
ns
VCCI = VCCO = 2.5 V, VOD = 10 mV
3.0
ns
Propagation Delay Skew—Rising to Falling Transition
tPINSKEW
VCCI = VCCO = 2.5 V to 5.0 V
70
ps
Propagation Delay Skew—Q to QB
VCCI = VCCO = 2.5 V to 5.0 V
70
ps
Overdrive Dispersion
10 mV < VOD < 125 mV
1.6
ns
Common-Mode Dispersion
VCM = −0.2 V to VCCI + 0.2 V
250
ps
Input Bandwidth
500
MHz
Minimum Pulse Width
PWMIN
VCCI = VCCO = 2.5 V to 5.0 V,
PWOUT = 90% of PWIN
1.3
ns
POWER SUPPLY
Input Supply Voltage Range
VCCI
2.5
5.5
V
Output Supply Voltage Range
VCCO
2.5
5.0
V
Positive Supply Differential (ADCMP605)
VCCI − VCCO
Operating
−3
+3
V
VCCI − VCCO
Nonoperating
−5.0
+5.0
V
Positive Supply Current (ADCMP604)
IVCCI/VCCO
VCCI = VCCO = 2.5 V to 5.0 V
15
21
mA
Input Section Supply Current (ADCMP605)
IVCCI
VCCI = 2.5 V to 5.5 V
1.6
3.0
mA
Output Section Supply Current (ADCMP605)
IVCCO
VCCO = 2.5 V to 5.0 V
15
23
mA
Power Dissipation
PD
VCCI = VCCO = 2.5 V
37
55
mW
VCCI = VCCO = 5.0 V
95
120
mW
Power Supply Rejection Ratio
PSRR
VCCI = VCCO = 2.5 V to 5.0 V
−50
dB
Shutdown Mode ICCI
VCCI = VCCO = 2.5 V to 5.0 V
0.92
1.1
mA
Shutdown Mode ICCO
VCCI = VCCO = 2.5 V to 5.0 V
−30
+30
µA
1
VIN = 100 mV square input at 50 MHz, VOD = 50 mV, VCM = 1.25 V, VCCI = VCCO = 2.5 V, unless otherwise noted.
Rev. B | Page 4 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com