Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP605 Datasheet(PDF) 11 Page - Analog Devices

Part # ADCMP605
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP605 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADCMP605 Datasheet HTML 6Page - Analog Devices ADCMP605 Datasheet HTML 7Page - Analog Devices ADCMP605 Datasheet HTML 8Page - Analog Devices ADCMP605 Datasheet HTML 9Page - Analog Devices ADCMP605 Datasheet HTML 10Page - Analog Devices ADCMP605 Datasheet HTML 11Page - Analog Devices ADCMP605 Datasheet HTML 12Page - Analog Devices ADCMP605 Datasheet HTML 13Page - Analog Devices ADCMP605 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Data Sheet
ADCMP604/ADCMP605
Rev. B | Page 11 of 14
COMPARATOR PROPAGATION DELAY
DISPERSION
The ADCMP604/ADCMP605 comparators are designed to reduce
propagation delay dispersion over a wide input overdrive range
of 5 mV to VCCI − 1 V. Propagation delay dispersion is the variation
in propagation delay that results from a change in the degree of
overdrive or slew rate (how far or how fast the input signal is
driven past the switching threshold).
Propagation delay dispersion is a specification that becomes
important in high speed, time-critical applications, such as data
communications, automatic test and measurement, and
instrumentation. It is also important in event-driven applications,
such as pulse spectroscopy, nuclear instrumentation, and
medical imaging. Dispersion is defined as the variation in
propagation delay as the input overdrive conditions are changed
(see Figure 17 and Figure 18).
The ADCMP604/ADCMP605 dispersion is typically <1.6 ns as
the overdrive varies from 10 mV to 125 mV. This specification
applies to both positive and negative signals because each of the
ADCMP604 and ADCMP605 has substantially equal delays for
positive-going and negative-going inputs and very low output
skews.
Q/Q OUTPUT
INPUT VOLTAGE
500mV OVERDRIVE
10mV OVERDRIVE
DISPERSION
VN ± VOS
Figure 17. Propagation Delay—Overdrive Dispersion
Q/Q OUTPUT
INPUT VOLTAGE
10V/ns
1V/ns
DISPERSION
VN ± VOS
Figure 18. Propagation Delay—Slew Rate Dispersion
COMPARATOR HYSTERESIS
The addition of hysteresis to a comparator is often desirable in a
noisy environment, or when the differential input amplitudes
are relatively small or slow moving. The transfer function for a
comparator with hysteresis is shown in Figure 19. As the input
voltage approaches the threshold (0 V, in this example) from
below the threshold region in a positive direction, the comparator
switches from low to high when the input crosses +VH/2. The
new switching threshold becomes −VH/2. The comparator remains
in the high state until the threshold, −VH/2, is crossed from
below the threshold region in a negative direction. In this manner,
noise or feedback output signals centered on 0 V input cannot
cause the comparator to switch states unless it exceeds the region
bounded by ±VH/2.
OUTPUT
INPUT
0V
VOL
VOH
+VH
2
–VH
2
Figure 19. Comparator Hysteresis Transfer Function
The customary technique for introducing hysteresis into a
comparator uses positive feedback from the output back to the
input. One limitation of this approach is that the amount of
hysteresis varies with the output logic levels, resulting in
hysteresis that is not symmetric about the threshold. The
external feedback network can also introduce significant
parasitics that reduce high speed performance and induce
oscillation in some cases.
The ADCMP605 comparator offers a programmable hysteresis
feature that significantly improves accuracy and stability.
Connecting an external pull-down resistor or a current source
from the LE/HYS pin to GND varies the amount of hysteresis in
a predictable and stable manner. Leaving the LE/HYS pin
disconnected or driving it high removes hysteresis. The
maximum hysteresis that can be applied using this pin is
approximately 160 mV. Figure 20 illustrates the amount of
hysteresis applied as a function of external resistor value. Figure 11
illustrates hysteresis as a function of current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com