Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP608 Datasheet(PDF) 7 Page - Analog Devices

Part # ADCMP608
Description  Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP608 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADCMP608 Datasheet HTML 2Page - Analog Devices ADCMP608 Datasheet HTML 3Page - Analog Devices ADCMP608 Datasheet HTML 4Page - Analog Devices ADCMP608 Datasheet HTML 5Page - Analog Devices ADCMP608 Datasheet HTML 6Page - Analog Devices ADCMP608 Datasheet HTML 7Page - Analog Devices ADCMP608 Datasheet HTML 8Page - Analog Devices ADCMP608 Datasheet HTML 9Page - Analog Devices ADCMP608 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Sheet
ADCMP608
Rev. B | Page 7 of 10
APPLICATIONS INFORMATION
POWER/GROUND LAYOUT AND BYPASSING
The ADCMP608 comparator is a high speed device. Despite the
low noise output stage, it is essential to use proper high speed
design techniques to achieve the specified performance. Because
comparators are uncompensated amplifiers, feedback in any phase
relationship is likely to cause oscillations or undesired hysteresis. Of
critical importance is the use of low impedance supply planes,
particularly the output supply plane (VCC) and the ground plane
(GND). Individual supply planes are recommended as part of a
multilayer board. Providing the lowest inductance return path for
switching currents ensures the best possible performance in the
target application.
It is also important to adequately bypass the input and output
supplies. A 0.1 μF bypass capacitor should be placed as close as
possible to the VCC supply pin. The capacitor should be connected
to the GND plane with redundant vias placed to provide a
physically short return path for output currents flowing back
from ground to the VCC pin. High frequency bypass capacitors
should be carefully selected for minimum inductance and ESR.
Parasitic layout inductance should also be strictly controlled to
maximize the effectiveness of the bypass at high frequencies.
TTL-/CMOS-COMPATIBLE OUTPUT STAGE
Specified propagation delay performance can be achieved only
by keeping the capacitive load at or below the specified minimums.
The output of the ADCMP608 is designed to directly drive one
Schottky TTL, or three low power Schottky TTL loads, or the
equivalent. For large fan outs, buses, or transmission lines, use
an appropriate buffer to maintain the excellent speed and
stability of the comparator.
With the rated 15 pF load capacitance applied, more than half
of the total device propagation delay is output stage slew time.
Because of this, the total propagation delay decreases as VCC
decreases, and instability in the power supply may appear as
excess delay dispersion.
Delay is measured to the 50% point for whatever supply is in
use; thus, the fastest times are observed with the VCC supply at
2.5 V, and larger values are observed when driving loads that
switch at other levels.
Overdrive and input slew rate dispersions are not significantly
affected by output loading and VCC variations.
The TTL-/CMOS-compatible output stage is shown in the
simplified schematic diagram (see Figure 9). Because of its
inherent symmetry and generally good behavior, this output
stage is readily adaptable for driving various filters and other
unusual loads.
Figure 9. Simplified Schematic Diagram of
TTL-/CMOS-Compatible Output Stage
OPTIMIZING PERFORMANCE
As with any high speed comparator, proper design and layout
techniques are essential for obtaining the specified performance.
Stray capacitance, inductance, common power and ground
impedances, or other layout issues can severely limit performance
and can often cause oscillation. The source impedance should be
minimized as much as is practicable. High source impedance, in
combination with the parasitic input capacitance of the comparator,
causes an undesirable degradation in bandwidth at the input, thus
degrading the overall response. Higher impedances encourage
undesired coupling.
COMPARATOR PROPAGATION DELAY DISPERSION
The ADCMP608 comparator is designed to reduce propagation
delay dispersion over a wide input overdrive range of 10 mV to
VCC – 1 V. Propagation delay dispersion is the variation in
propagation delay that results from a change in the degree of
overdrive or slew rate (how far or how fast the input signal
exceeds the switching threshold).
Propagation delay dispersion is a specification that becomes
important in high speed, time-critical applications, such as data
communication, automatic test and measurement, and instru-
mentation. It is also important in event-driven applications, such
as pulse spectroscopy, nuclear instrumentation, and medical
imaging. Dispersion is defined as the variation in propagation
delay as the input overdrive conditions are changed (see Figure 10
and Figure 11).
ADCMP608 dispersion is typically < 12 ns as the overdrive
varies from 10 mV to 125 mV. This specification applies to both
positive and negative signals because the device has very closely
matched delays for both positive-going and negative-going
inputs, and very low output skews. Remember to add the actual
device offset to the overdrive for repeatable dispersion
measurements.
OUTPUT
Q2
Q1
+IN
–IN
OUTPUT STAGE
VLOGIC
GAIN STAGE
A2
A1
AV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com