Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP608 Datasheet(PDF) 3 Page - Analog Devices

Part # ADCMP608
Description  Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP608 Datasheet(HTML) 3 Page - Analog Devices

  ADCMP608 Datasheet HTML 1Page - Analog Devices ADCMP608 Datasheet HTML 2Page - Analog Devices ADCMP608 Datasheet HTML 3Page - Analog Devices ADCMP608 Datasheet HTML 4Page - Analog Devices ADCMP608 Datasheet HTML 5Page - Analog Devices ADCMP608 Datasheet HTML 6Page - Analog Devices ADCMP608 Datasheet HTML 7Page - Analog Devices ADCMP608 Datasheet HTML 8Page - Analog Devices ADCMP608 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Data Sheet
ADCMP608
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VCC = 2.5 V, TA = −40°C to +125°C. Typical values are TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DC INPUT CHARACTERISTICS
Voltage Range
VP, VN
VCC = 2.5 V to 5.5 V
−0.2
VCC
V
Common-Mode Range
VCC = 2.5 V to 5.5 V
−0.2
VCC
V
Differential Voltage
VCC = 2.5 V to 5.5 V
VCC
V
Offset Voltage
VOS
−5.0
±3
+5.0
mV
Bias Current
IP, IN
−0.4
+0.4
µA
Offset Current
−1.0
+1.0
µA
Capacitance
CP, CN
1
pF
Resistance, Differential Mode
−0.5 V to VCC + 0.5 V
200
7000
kΩ
Resistance, Common Mode
−0.5 V to VCC + 0.5 V
100
4000
kΩ
Active Gain
AV
80
dB
Common-Mode Rejection
CMRR
VCC = 2.5 V, VCM = −0.2 V to 2.7 V
45
dB
VCC = 5.5 V
45
dB
SHUTDOWN PIN CHARACTERISTICS1
VIH
Comparator is operating
2.0
VCC
V
VIL
Shutdown guaranteed
−0.2
+0.4
+0.4
V
IIH
VIH = VCC
−6
+6
µA
Sleep Time
tSD
lCC < 100 µA
300
ns
Wake-Up Time
tH
VPP = 10 mV, output valid
150
ns
DC OUTPUT CHARACTERISTICS
VCC = 2.5 V to 5.5 V
Output Voltage High Level
VOH
IOH = 0.8 mA, VCC = 2.5 V
VCC − 0.4
V
Output Voltage Low Level
VOL
IOL = 0.8 mA, VCC = 2.5 V
0.4
V
AC PERFORMANCE2
VCC = 2.5 V to 5.5 V
Rise Time/Fall Time
tR, tF
10% to 90%, VCC = 2.5 V
25 to 50
ns
10% to 90%, VCC = 5.5 V
45 to 75
ns
Propagation Delay
tPD
VOD = 10 mV, VCC = 2.5 V
30 to 50
ns
VOD = 50 mV, VCC = 5.5 V
35 to 60
ns
Propagation Delay Skew—Rising to Falling Transition
VCC = 2.5 V
4.5
ns
VCC = 5.5 V
8
ns
Overdrive Dispersion
10 mV < VOD < 125 mV
12
ns
Common-Mode Dispersion
−0.2 V < VCM < VCC + 0.2 V
1.5
ns
POWER SUPPLY
Supply Voltage Range
VCC
2.5
5.5
V
Positive Supply Current
IVCC
VCC = 2.5 V
550
800
µA
VCC = 5.5 V
800
1300
µA
Power Dissipation
PD
VCC = 2.5 V
1.375
2.0
mW
VCC = 5.5 V
4.95
7.15
mW
Power Supply Rejection Ratio
PSRR
VCC = 2.5 V to 5.5 V
−50
dB
Shutdown Current
ISD
VCC = 2.5 V to 5.5 V
250
350
µA
1
The output will be in a high impedance mode when the device is in shutdown mode. Note that this feature should be used with care since the enable/disable time is
much longer than with a true tristate output.
2
VIN = 100 mV square input at 1 MHz, VCM = 0 V, CL = 15 pF, VCCI = 2.5 V, unless otherwise noted.
Rev. B | Page 3 of 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com