Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7757 Datasheet(PDF) 13 Page - Analog Devices

Part # ADE7757
Description  Energy Metering IC with Integrated Oscillator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7757 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADE7757_15 Datasheet HTML 8Page - Analog Devices ADE7757_15 Datasheet HTML 9Page - Analog Devices ADE7757_15 Datasheet HTML 10Page - Analog Devices ADE7757_15 Datasheet HTML 11Page - Analog Devices ADE7757_15 Datasheet HTML 12Page - Analog Devices ADE7757_15 Datasheet HTML 13Page - Analog Devices ADE7757_15 Datasheet HTML 14Page - Analog Devices ADE7757_15 Datasheet HTML 15Page - Analog Devices ADE7757_15 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. A
ADE7757
–13–
Table I. F1–4 Frequency Selection
F1–4 at Nominal
S1
S0
OSC Relation
1
OSC (Hz)
2
00
OSC/219
0.86
01
OSC/218
1.72
10
OSC/217
3.44
11
OSC/216
6.86
NOTES
1F
1–4 is a binary fraction of the internal oscillator frequency (OSC).
2Values are generated using the nominal frequency of 450 kHz.
Example
In this example, with ac voltages of
±30 mV peak applied to V1
and
±165 mV peak applied to V2, the expected output frequency
is calculated as follows:
F1–4
= OSC/2
19 Hz, S0 = S1 = 0
V1rms = 0.03/
√2 V
V2rms = 0.165/
√2 V
VREF
= 2.5 V (nominal reference value)
NOTE: If the on-chip reference is used, actual output frequencies may vary
from device to device due to reference tolerance of
± 8%.
Freq
F
F
=
××
×
××
=
515 85
0 03
0 165
22
2 5
0 204
0 175
1
2
1
...
.
..
Table II. Maximum Output Frequency on F1 and F2
Max Frequency
*
S1
S0
OSC Relation
for AC Inputs (Hz)
0
0
0.204
× F
1
0.175
0
1
0.204
× F2
0.35
1
0
0.204
× F
3
0.70
1
1
0.204
× F
4
1.40
*Values are generated using the nominal frequency of 450 kHz
Frequency Output CF
The pulse output CF (calibration frequency) is intended for
calibration purposes. The output pulse rate on CF can be up to
2048 times the pulse rate on F1 and F2. The lower the F1–4
frequency selected, the higher the CF scaling (except for the
high frequency mode SCF = 0, S1 = S0 = 1). Table III shows
how the two frequencies are related, depending on the states of
the logic inputs S0, S1, and SCF. Due to its relatively high
pulse rate, the frequency at CF logic output is proportional to
the instantaneous real power. As with F1 and F2, CF is derived
from the output of the low-pass filter after multiplication. How-
ever, because the output frequency is high, this real power
information is accumulated over a much shorter time. There-
fore, less averaging is carried out in the digital-to-frequency
conversion. With much less averaging of the real power signal,
the CF output is much more responsive to power fluctuations
(see the Signal Processing Block in Figure 3).
Table III. Maximum Output Frequency on CF
SCF
S1
S0
CF Max for AC Signals (Hz)
*
10
0
128
× F1, F2 = 22.4
00
0
64
× F1, F2 = 11.2
10
1
64
× F1, F2 = 22.4
00
1
32
× F1, F2 = 11.2
11
0
32
× F1, F2 = 22.4
01
0
16
× F1, F2 = 11.2
11
1
16
× F1, F2 = 22.4
01
1
2048
× F1, F2 = 2.867 kHz
*Values are generated using the nominal frequency of 450 kHz.
SELECTING A FREQUENCY FOR AN ENERGY METER
APPLICATION
As shown in Table I, the user can select one of four frequencies.
This frequency selection determines the maximum frequency on
F1 and F2. These outputs are intended for driving an energy
register (electromechanical or others). Since only four different
output frequencies can be selected, the available frequency
selection has been optimized for a meter constant of 100 imp/kWh
with a maximum current of between 10 A and 120 A. Table IV
shows the output frequency for several maximum currents (IMAX)
with a line voltage of 220 V. In all cases, the meter constant is
100 imp/kWh.
Table IV. F1 and F2 Frequency at 100 imp/kWh
IMAX (A)
F1 and F2 (Hz)
12.5
0.076
25.0
0.153
40.0
0.244
60.0
0.367
80.0
0.489
120.0
0.733
The F1–4 frequencies allow complete coverage of this range of
output frequencies (F1, F2). When designing an energy meter,
the nominal design voltage on Channel V2 (voltage) should be
set to half-scale to allow for calibration of the meter constant.
The current channel should also be no more than half-scale
when the meter sees maximum load. This will allow overcurrent
signals and signals with high crest factors to be accommodated.
Table V shows the output frequency on F1 and F2 when both
analog inputs are half-scale. The frequencies listed in Table V
align very well with those listed in Table IV for maximum load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com