Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7757 Datasheet(PDF) 14 Page - Analog Devices

Part # ADE7757
Description  Energy Metering IC with Integrated Oscillator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7757 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADE7757_15 Datasheet HTML 8Page - Analog Devices ADE7757_15 Datasheet HTML 9Page - Analog Devices ADE7757_15 Datasheet HTML 10Page - Analog Devices ADE7757_15 Datasheet HTML 11Page - Analog Devices ADE7757_15 Datasheet HTML 12Page - Analog Devices ADE7757_15 Datasheet HTML 13Page - Analog Devices ADE7757_15 Datasheet HTML 14Page - Analog Devices ADE7757_15 Datasheet HTML 15Page - Analog Devices ADE7757_15 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
REV. A
–14–
ADE7757
Table V. F1 and F2 Frequency with Half-Scale AC Inputs
Frequency on F1 and F2–
S1
S0
F1–4 (Hz)* CH1 and CH2 Half-Scale AC Input*
00
0.86
0.051
× F
1
0.044 Hz
01
1.72
0.051
× F
2
0.088 Hz
10
3.44
0.051
× F3
0.176 Hz
11
6.86
0.051
× F
4
0.352 Hz
*Values are generated using the nominal frequency of 450 kHz.
When selecting a suitable F1–4 frequency for a meter design,
the frequency output at IMAX (maximum load) with a meter con-
stant of 100 imp/kWh should be compared with column four of
Table V. The closest frequency in Table V will determine the
best choice of frequency (F1–4). For example, if a meter with a
maximum current of 25 A is being designed, the output fre-
quency on F1 and F2 with a meter constant of 100 imp/kWh is
0.153 Hz at 25 A and 220 V (from Table IV). Looking at Table V,
the closest frequency to 0.153 Hz in column four is 0.176 Hz.
Therefore, F3 (3.44 Hz—see Table I) is selected for this design.
Frequency Outputs
Figure 1 shows a timing diagram for the various frequency out-
puts. The outputs F1 and F2 are the low frequency outputs that
can be used to directly drive a stepper motor or electromechanical
impulse counter. The F1 and F2 outputs provide two alter-
nating low frequency pulses. The F1 and F2 pulse widths (t1)
are set such that if they fall below 1062 ms (0.942 Hz) they are
set to half of their period. The maximum output frequencies for
F1 and F2 are shown in Table II.
The high frequency CF output is intended to be used for com-
munications and calibration purposes. CF produces a 173 ms wide
active high pulse (t4) at a frequency proportional to active power.
The CF output frequencies are given in Table III. As in the case
of F1 and F2, if the period of CF (t5) falls below 346 ms, the
CF pulse width is set to half the period. For example, if the CF
frequency is 20 Hz, the CF pulse width is 25 ms.
NOTE: When the high frequency mode is selected (i.e., SCF =
0, S1 = S0 = 1), the CF pulse width is fixed at 35
µs. Therefore,
t4 will always be 35
µs, regardless of output frequency on CF.
NO LOAD THRESHOLD
The ADE7757 also includes a no-load threshold and start-up
current feature that will eliminate any creep effects in the meter.
The ADE7757 is designed to issue a minimum output frequency.
Any load generating a frequency lower than this minimum fre-
quency will not cause a pulse to be issued on F1, F2, or CF.
The minimum output frequency is given as 0.0014% for each of
the F1–4 frequency selections (see Table I). For example, for an
energy meter with a meter constant of 100 imp/kWh on F1, F2
using F3 (3.44 Hz), the minimum output frequency at F1 or F2
would be 0.0014% of 3.44 Hz or 4.81
× 10–5 Hz. This would be
3.08
× 10–3 Hz at CF (64 × F1 Hz) when SCF = S0 = 1, S1 = 0.
In this example, the no-load threshold would be equivalent to
1.7 W of load or a start-up current of 8 mA at 220 V. Compare
this value to the IEC 1036 specification which states that the
meter must start up with a load equal to or less than 0.4% Ib.
For a 5 A (Ib) meter, 0.4% of Ib is equivalent to 20 mA.
Negative Power Information
The ADE7757 detects when the current and voltage channels
have a phase shift greater than 90
°. This mechanism can detect
wrong connection of the meter or generation of negative power.
The REVP pin output will go active high when negative power
is detected and active low if positive power is detected. The
REVP pin output changes state as a pulse is issued on CF. The
REVP pin is not functional in the current version and will only
work in the A version (ADE7757A).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com