Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7762 Datasheet(PDF) 13 Page - Analog Devices

Part # ADE7762
Description  Polyphase Energy Metering IC with Phase Drop Indication
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7762 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADE7762_15 Datasheet HTML 9Page - Analog Devices ADE7762_15 Datasheet HTML 10Page - Analog Devices ADE7762_15 Datasheet HTML 11Page - Analog Devices ADE7762_15 Datasheet HTML 12Page - Analog Devices ADE7762_15 Datasheet HTML 13Page - Analog Devices ADE7762_15 Datasheet HTML 14Page - Analog Devices ADE7762_15 Datasheet HTML 15Page - Analog Devices ADE7762_15 Datasheet HTML 16Page - Analog Devices ADE7762_15 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ADE7762
Rev. 0 | Page 13 of 28
INSTANTANEOUS
ACTIVE POWER SIGNAL
INSTANTANEOUS
POWER SIGNAL
INSTANTANEOUS
ACTIVE POWER SIGNAL
INSTANTANEOUS
POWER SIGNAL
V× I
2
×cos(60°)
V× I
2
60°
CURRENT
CURRENT
VOLTAGE
VOLTAGE
0V
0V
Figure 13. DC Component of Instantaneous Power Signal
NONSINUSOIDAL VOLTAGE AND CURRENT
The active power calculation method also holds true for
nonsinusoidal current and voltage waveforms. All voltage and
current waveforms in practical applications have some har-
monic content. Using the Fourier transform, instantaneous
voltage and current waveforms can be expressed in terms of
their harmonic content
()
n
n
n
O
α
t
n
V
V
t
v
+
ω
×
×
+
=
∑
∞
=
sin
2
)
(
0
(3)
where:
v(t) is the instantaneous voltage.
VO is the average value.
Vn is the rms value of voltage harmonic n.
α n is the phase angle of the voltage harmonic.
()
()
()
(
)
n
n
n
O
β
t
n
I
I
t
i
ω
×
×
+
=
∑
∞
=
sin
2
1
(4)
where:
i(t) is the instantaneous current.
IO is the dc component.
In is the rms value of current harmonic n.
βn is the phase angle of the current harmonic.
Using Equation 3 and Equation 4, the active power, P, can be
expressed in terms of its fundamental active power (P1) and
harmonic active power (PH).
P = P1 + PH
where:
1
1
1
1
1
1
1
φ
φ
cos
β
−
α
=
×
=
I
V
P
(5)
n
n
n
n
n
n
H
n
I
V
P
β
−
α
=
×
=
∑
∞
=
φ
φ
cos
1
(6)
As can be seen from Equation 6, a harmonic active power
component is generated for every harmonic, provided that
harmonic is present in both the voltage and current waveforms.
The power factor calculation has been shown to be accurate in
the case of a pure sinusoid. Therefore, the harmonic active
power also correctly accounts for power factor because
harmonics are made up of a series of pure sinusoids. A limiting
factor on harmonic measurement is the bandwidth. On the
ADE7762, the bandwidth of the active power measurement is
14 kHz with a master clock frequency of 10 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com