Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7762 Datasheet(PDF) 22 Page - Analog Devices

Part # ADE7762
Description  Polyphase Energy Metering IC with Phase Drop Indication
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7762 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADE7762_15 Datasheet HTML 18Page - Analog Devices ADE7762_15 Datasheet HTML 19Page - Analog Devices ADE7762_15 Datasheet HTML 20Page - Analog Devices ADE7762_15 Datasheet HTML 21Page - Analog Devices ADE7762_15 Datasheet HTML 22Page - Analog Devices ADE7762_15 Datasheet HTML 23Page - Analog Devices ADE7762_15 Datasheet HTML 24Page - Analog Devices ADE7762_15 Datasheet HTML 25Page - Analog Devices ADE7762_15 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADE7762
Rev. 0 | Page 22 of 28
ACCUMULATION OF 3-PHASE POWER
Power Measurement Considerations
Calculating and displaying power information always have
some associated ripple that depends on the integration period
used in the MCU to determine average power as well as the
load. For example, at light loads, the output frequency can be
10 Hz. With an integration period of 2 seconds, only about
20 pulses are counted. The possibility of missing one pulse
always exists because the ADE7762 output frequency is running
asynchronously to the MCU timer. This results in a 1-in-20
or 5% error in the power measurement. To remedy this, an
appropriate integration time should be considered to achieve
the desired accuracy.
Mode Selection of the Sum of the Three Active Energies
The ADE7762 can be configured to execute the arithmetic sum
of the three active energies, Wh = WhΦA + WhΦB + WhΦC, or the
sum of the absolute value of these energies, Wh = |WhΦA| +
|WhΦB| + |WhΦC|. The selection between the two modes can be
made by setting the ABS pin. Logic high and logic low applied
on the ABS pin correspond to the arithmetic sum and the sum
of absolute values, respectively.
When the sum of the absolute values is selected, the active
energy from each phase is always counted positive in the total
active energy. It is particularly useful in 3-phase, 4-wire installa-
tion where the sign of the active power should always be the
same. If the meter is misconnected to the power lines, that is,
if CT is connected in the wrong direction, then the total active
energy recorded without this solution can be reduced by
two-thirds.
The sum of the absolute values assures that the active energy
recorded represents the actual active energy delivered. In this
mode, the reverse power pin still detects when the arithmetic
sum of the active powers is negative, but energy continues to
accumulate regardless of the sign.
Negative Total Power Detection
The ADE7762 detects when total power, calculated as the
arithmetic sum of the three phases, is negative. This detection
is independent of the mode of the sum of the three powers
(arithmetic or absolute). This mechanism can detect an incor-
rect connection of the meter or generation of negative active
energy. When the sum of the powers of the three phases is
negative, the REVP pin output goes active high. When the
sum of the powers of the three phases is positive, the REVP
pin output is reset to low.
The REVP pin output changes state at the same time that a
pulse is issued on CF. If the sum of the powers of the three
phases is negative, then the REVP pin output stays high until
the sum of the three phases’ power is positive or until all three
phases are below the no-load threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com