Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4001BRUZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADF4001BRUZ-R7
Description  200 MHz Clock Generator PLL
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4001BRUZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADF4001BRUZ-R7 Datasheet HTML 1Page - Analog Devices ADF4001BRUZ-R7 Datasheet HTML 2Page - Analog Devices ADF4001BRUZ-R7 Datasheet HTML 3Page - Analog Devices ADF4001BRUZ-R7 Datasheet HTML 4Page - Analog Devices ADF4001BRUZ-R7 Datasheet HTML 5Page - Analog Devices ADF4001BRUZ-R7 Datasheet HTML 6Page - Analog Devices ADF4001BRUZ-R7 Datasheet HTML 7Page - Analog Devices ADF4001BRUZ-R7 Datasheet HTML 8Page - Analog Devices ADF4001BRUZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
REV.
–5–
Typical Performance Characteristics–ADF4001
FREQUENCY – MHz
0
0
–5
–10
–15
–20
–25
–30
–35
50
100
150
200
250
TA = +25 C
TA = +85 C
TA = –40 C
TPC 1. Input Sensitivity, VDD = 3.3 V, 100 pF on RFIN
FREQUENCY – MHz
0
0
–5
–10
–15
–20
–25
–30
510
152025
TPC 2. Input Sensitivity, VDD = 3.3 V, 100 pF on RFIN
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–2kHz
–1kHz
200MHz
1kHz
2kHz
0
REFERENCE LEVEL =
–5.7dBm
VDD = 3V, VP = 5V
ICP = 2.5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES. BANDWIDTH = 10Hz
VIDEO BANDWIDTH = 10Hz
SWEEP = 1.9 SECONDS
AVERAGES = 26
–99.2dBc/Hz
TPC 3. Phase Noise (200 MHz, 200 kHz, 20 kHz)
FREQUENCY OFFSET FROM 200MHz CARRIER – Hz
–40
100
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
1k
10k
100k
1M
0.229 rms
10dB/DIVISION
RL = –40dBc/Hz
rms NOISE = 0.229 DEGREES
TPC 4. Integrated Phase Noise (200 MHz, 200 kHz, 20 kHz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–200kHz
–100kHz
0
200MHz
100kHz
200kHz
VDD = 3V, VP = 5V
ICP = 2.5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES. BANDWIDTH = 300Hz
VIDEO BANDWIDTH = 300Hz
SWEEP = 4.2 SECONDS
AVERAGES = 20
REFERENCE LEVEL =
–5.7dBm
–92.3dBc
TPC 5. Reference Spurs (200 MHz, 200 kHz, 20 kHz)
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com