Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4001BRUZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF4001BRUZ-R7
Description  200 MHz Clock Generator PLL
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4001BRUZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADF4001BRUZ-R7 Datasheet HTML 1Page - Analog Devices ADF4001BRUZ-R7 Datasheet HTML 2Page - Analog Devices ADF4001BRUZ-R7 Datasheet HTML 3Page - Analog Devices ADF4001BRUZ-R7 Datasheet HTML 4Page - Analog Devices ADF4001BRUZ-R7 Datasheet HTML 5Page - Analog Devices ADF4001BRUZ-R7 Datasheet HTML 6Page - Analog Devices ADF4001BRUZ-R7 Datasheet HTML 7Page - Analog Devices ADF4001BRUZ-R7 Datasheet HTML 8Page - Analog Devices ADF4001BRUZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
a
ADF4001
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax:
©
Analog Devices, Inc. All rights reserved.
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
REV.
200 MHz Clock Generator PLL
FUNCTIONAL BLOCK DIAGRAM
RFINA
RFINB
13-BIT
N COUNTER
LOCK DETECT
CURRENT
SETTING 1
CPI3
CPI2
CPI1 CPI6 CPI5
CPI4
M1
M3
M2
SDOUT
AVDD
REFIN
CLK
DATA
LE
AVDD
DVDD
VP
CPGND
RSET
14-BIT
R COUNTER
R COUNTER
LATCH
FUNCTION
LATCH
24-BIT
INPUT REGISTER
N COUNTER
LATCH
SDOUT
22
14
ADF4001
MUXOUT
MUX
HIGH Z
CURRENT
SETTING 2
CHARGE
PUMP
CP
CE
AGND
DGND
PHASE
FREQUENCY
DETECTOR
REFERENCE
13
FEATURES
200 MHz Bandwidth
2.7 V to 5.5 V Power Supply
Separate Charge Pump Supply (VP) Allows Extended
Tuning Voltage in 5 V Systems
Programmable Charge Pump Currents
3-Wire Serial Interface
Hardware and Software Power-Down Mode
Analog and Digital Lock Detect
Hardware Compatible to the ADF4110/ADF4111/
ADF4112/ADF4113
Typical Operating Current 4.5 mA
Ultralow Phase Noise
16-Lead TSSOP
20-Lead LFCSP
APPLICATIONS
Clock Generation
Low Frequency PLLs
Low Jitter Clock Source
Clock Smoothing
Frequency Translation
SONET, ATM, ADM, DSLAM, SDM
GENERAL DESCRIPTION
The ADF4001 clock generator can be used to implement clock
sources for PLLs that require very low noise, stable reference
signals. It consists of a low noise digital PFD (phase frequency
detector), a precision charge pump, a programmable reference
divider, and a programmable 13-bit N counter. In addition, the
14-bit reference counter (R counter) allows selectable REFIN
frequencies at the PFD input. A complete PLL (phase-locked
loop) can be implemented if the synthesizer is used with an exter-
nal loop filter and VCO (voltage controlled oscillator) or
VCXO (voltage controlled crystal oscillator). The N minimum
value of 1 allows flexibility in clock generation.
2013
781/461-3113
B


Similar Part No. - ADF4001BRUZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4001BRUZ-R7 AD-ADF4001BRUZ-R7 Datasheet
860Kb / 17P
200 MHz Clock Generator PLL
REV. B
More results

Similar Description - ADF4001BRUZ-R7

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9100 MOTOROLA-MPC9100 Datasheet
111Kb / 8P
DUAL PLL CLOCK GENERATOR
logo
Analog Devices
ADF4001 AD-ADF4001 Datasheet
190Kb / 16P
200 MHz Clock Generator PLL
REV.0
logo
Integrated Circuit Syst...
ICS513 ICST-ICS513 Datasheet
61Kb / 4P
LOCO??PLL Clock Generator
Revision 080699
ICS514 ICST-ICS514 Datasheet
42Kb / 4P
LOCO??PLL Clock Generator
Revision 080699
logo
Cypress Semiconductor
CY26114 CYPRESS-CY26114 Datasheet
50Kb / 5P
One-PLL Clock Generator
logo
Renesas Technology Corp
RD151TS501US RENESAS-RD151TS501US Datasheet
101Kb / 7P
PLL clock generator series
RD151TS502US RENESAS-RD151TS502US Datasheet
101Kb / 7P
PLL clock generator series
logo
Analog Devices
ADF4001 AD-ADF4001_03 Datasheet
860Kb / 17P
200 MHz Clock Generator PLL
REV. B
logo
Renesas Technology Corp
RD151TS501US RENESAS-RD151TS501US_15 Datasheet
121Kb / 9P
PLL clock generator series
logo
Integrated Device Techn...
ICS514 IDT-ICS514 Datasheet
192Kb / 7P
PLL CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com