Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4112BCPZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADF4112BCPZ
Description  RF PLL Frequency Synthesizers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4112BCPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADF4112BCPZ Datasheet HTML 8Page - Analog Devices ADF4112BCPZ Datasheet HTML 9Page - Analog Devices ADF4112BCPZ Datasheet HTML 10Page - Analog Devices ADF4112BCPZ Datasheet HTML 11Page - Analog Devices ADF4112BCPZ Datasheet HTML 12Page - Analog Devices ADF4112BCPZ Datasheet HTML 13Page - Analog Devices ADF4112BCPZ Datasheet HTML 14Page - Analog Devices ADF4112BCPZ Datasheet HTML 15Page - Analog Devices ADF4112BCPZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADF4110/ADF4111/ADF4112/ADF4113
Data Sheet
Rev. F | Page 12 of 28
CIRCUIT DESCRIPTION
REFERENCE INPUT SECTION
The reference input stage is shown in Figure 28. SW1 and SW2
are normally closed switches. SW3 is normally open. When
power-down is initiated, SW3 is closed and SW1 and SW2 are
opened. This ensures that there is no loading of the REFIN pin
on power-down.
BUFFER
TO R COUNTER
REFIN
100k
NC
SW2
SW3
NO
NC
SW1
POWER-DOWN
CONTROL
Figure 28. Reference Input Stage
RF INPUT STAGE
The RF input stage is shown in Figure 29. It is followed by a
two-stage limiting amplifier to generate the current mode logic
(CML) clock levels needed for the prescaler.
AVDD
AGND
500
500
1.6V
BIAS
GENERATOR
RFINA
RFINB
Figure 29. RF Input Stage
PRESCALER (P/P + 1)
Along with the A and B counters, the dual-modulus prescaler
(P/P + 1) enables the large division ratio, N, to be realized (N =
BP + A). The dual-modulus prescaler, operating at CML levels,
takes the clock from the RF input stage and divides it down to a
manageable frequency for the CMOS A and B counters. The
prescaler is programmable; it can be set in software to 8/9,
16/17, 32/33, or 64/65. It is based on a synchronous 4/5 core.
A AND B COUNTERS
The A and B CMOS counters combine with the dual-modulus
prescaler to allow a wide ranging division ratio in the PLL
feedback counter. The counters are specified to work when the
prescaler output is 200 MHz or less. Thus, with an RF input
frequency of 2.5 GHz, a prescaler value of 16/17 is valid but a
value of 8/9 is not.
Pulse Swallow Function
The A and B counters, in conjunction with the dual-modulus
prescaler, make it possible to generate output frequencies that
are spaced only by the reference frequency divided by R. The
equation for the VCO frequency is
fVCO
= [(P × B) + A]fREFIN/R
where:
fVCO
= output frequency of external voltage controlled oscillator
(VCO)
P
= preset modulus of dual-modulus prescaler
B
= preset divide ratio of binary 13-bit counter(3 to 8191)
A
= preset divide ratio of binary 6-bit swallow counter (0 to 63)
fREFIN
= output frequency of the external reference frequency
oscillator
R
= preset divide ratio of binary 14-bit programmable reference
counter (1 to 16383)
R COUNTER
The 14-bit R counter allows the input reference frequency to be
divided down to produce the reference clock to the phase
frequency detector (PFD). Division ratios from 1 to 16,383 are
allowed.
13-BIT B
COUNTER
6-BIT A
COUNTER
PRESCALER
P/P + 1
FROM RF
INPUT STAGE
MODULUS
CONTROL
N = BP + A
LOAD
LOAD
TO PFD
Figure 30. A and B Counters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com