Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4112BCPZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADF4112BCPZ
Description  RF PLL Frequency Synthesizers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4112BCPZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADF4112BCPZ Datasheet HTML 16Page - Analog Devices ADF4112BCPZ Datasheet HTML 17Page - Analog Devices ADF4112BCPZ Datasheet HTML 18Page - Analog Devices ADF4112BCPZ Datasheet HTML 19Page - Analog Devices ADF4112BCPZ Datasheet HTML 20Page - Analog Devices ADF4112BCPZ Datasheet HTML 21Page - Analog Devices ADF4112BCPZ Datasheet HTML 22Page - Analog Devices ADF4112BCPZ Datasheet HTML 23Page - Analog Devices ADF4112BCPZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADF4110/ADF4111/ADF4112/ADF4113
Data Sheet
Rev. F | Page 20 of 28
Note that there is an enable feature on the timer counter. It is
enabled when Fastlock Mode 2 is chosen by setting the fastlock
mode bit (DB10) in the function latch to 1.
Charge Pump Currents
CPI3, CPI2, and CPI1 program Current Setting 1 for the charge
pump. CPI6, CPI5, and CPI4 program Current Setting 2 for the
charge pump. The truth table is given in Table 10.
Prescaler Value
P2 and P1 in the function latch set the prescaler values. The
prescaler value should be chosen so that the prescaler output
frequency is always less than or equal to 200 MHz. Thus, with
an RF frequency of 2 GHz, a prescaler value of 16/17 is valid but
a value of 8/9 is not.
PD Polarity
This bit sets the phase detector polarity bit. See Table 10.
CP Three-State
This bit controls the CP output pin. With the bit set high, the
CP output is put into three-state. With the bit set low, the CP
output is enabled.
INITIALIZATION LATCH
When C2, C1 = 1, 1, the initialization latch is programmed.
This is essentially the same as the function latch (programmed
when C2, C1 = 1, 0).
However, when the initialization latch is programmed, an addi-
tional internal reset pulse is applied to the R and AB counters.
This pulse ensures that the AB counter is at load point when the
AB counter data is latched, and the device begins counting in
close phase alignment.
If the latch is programmed for synchronous power-down (CE
pin high; PD1 bit high; PD2 bit low), the internal pulse also
triggers this power-down. The prescaler reference and the
oscillator input buffer are unaffected by the internal reset pulse,
so close phase alignment is maintained when counting resumes.
When the first AB counter data is latched after initialization, the
internal reset pulse is again activated. However, successive AB
counter loads after this will not trigger the internal reset pulse.
DEVICE PROGRAMMING AFTER INITIAL
POWER-UP
After initial power-up of the device, there are three ways to
program the device.
Initialization Latch Method
Apply VDD. Program the initialization latch (11 in 2 LSBs of
input word). Make sure the F1 bit is programmed to 0. Then, do
an R load (00 in 2 LSBs). Then do an AB load (01 in 2 LSBs).
When the initialization latch is loaded, the following occurs:
1. The function latch contents are loaded.
2. An internal pulse resets the R, A, B, and timeout counters
to load state conditions and three-states the charge pump.
Note that the prescaler band gap reference and the oscil-
lator input buffer are unaffected by the internal reset pulse,
allowing close phase alignment when counting resumes.
3. Latching the first AB counter data after the initialization
word activates the same internal reset pulse. Successive AB
loads do not trigger the internal reset pulse unless there is
another initialization.
CE Pin Method
1. Apply VDD.
2. Bring CE low to put the device into power-down. This is an
asynchronous power-down in that it happens immediately.
3. Program the function latch (10). Program the R counter
latch (00). Program the AB counter latch (01).
4. Bring CE high to take the device out of power-down. The R
and AB counters now resume counting in close alignment.
After CE goes high, a duration of 1 µs may be required for the
prescaler band gap voltage and oscillator input buffer bias to
reach steady state.
CE can be used to power the device up and down in order to
check for channel activity. The input register does not need to
be reprogrammed each time the device is disabled and enabled
as long as it has been programmed at least once after VDD was
initially applied.
Counter Reset Method
1. Apply VDD.
2. Do a function latch load (10 in 2 LSBs). As part of this,
load 1 to the F1 bit. This enables the counter reset.
3. Do an R counter load (00 in 2 LSBs). Do an AB counter
load (01 in 2 LSBs). Do a function latch load (10 in 2
LSBs). As part of this, load 0 to the F1 bit. This disables the
counter reset.
This sequence provides the same close alignment as the initiali-
zation method. It offers direct control over the internal reset.
Note that counter reset holds the counters at load point and
three states the charge pump but does not trigger synchronous
power-down. The counter reset method requires an extra
function latch load compared to the initialization latch method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com