Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP0061AS2 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP0061AS2
Description  60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP0061AS2 Datasheet(HTML) 2 Page - Intersil Corporation

  HIP0061AS2 Datasheet HTML 1Page - Intersil Corporation HIP0061AS2 Datasheet HTML 2Page - Intersil Corporation HIP0061AS2 Datasheet HTML 3Page - Intersil Corporation HIP0061AS2 Datasheet HTML 4Page - Intersil Corporation HIP0061AS2 Datasheet HTML 5Page - Intersil Corporation HIP0061AS2 Datasheet HTML 6Page - Intersil Corporation HIP0061AS2 Datasheet HTML 7Page - Intersil Corporation HIP0061AS2 Datasheet HTML 8Page - Intersil Corporation HIP0061AS2 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Absolute Maximum Ratings TA =25oC
Thermal Information
Drain to Source Voltage, VDS
(Over Operating Junction and Case Temperature Range) . . . . 60V
Drain to Gate Voltage, VDGR . . . . . . . . . . . . . . . . . . . . . . . . . . . 60V
Gate to Source Voltage, VGS . . . . . . . . . . . . . . . . . . . . . . .-15, +20V
Pulsed Drain Current, IDM, Each Output,
All Outputs on at VGS = 10V (Notes 1, 2) . . . . . . . . . . . . . . . . 10A
Continuous Source to Drain Diode Current, ISD
at VGS = 10V (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5A
Continuous Drain Current, IDS, Each Output,
All Outputs on at VGS = 10V (Note 2) . . . . . . . . . . . . . . . . . . 3.5A
Single Pulse Avalanche Energy, EAS (Note 3) . . . . . . . . . . . . 100mJ
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 125oC
Drain to Source On-State Voltage Range . . . . . . . . . . . . 5V to 10V
Thermal Resistance (Typical, Note 4)
θJA (oC/W) θJC (oC/W)
SIP-Vertical Package . . . . . . . . . . . . .
55
3
SIP-Gullwing Package . . . . . . . . . . . .
55
3
Maximum Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . 150
oC
Maximum Storage Temperature Range, TSTG . . . . -55
oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
Die Characteristics
Back Side Potential . . . . . . . . . . . . . . . . . . . . . . . . . V- (Source, Tab)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Pulse width limited by maximum junction temperature.
2. Drain current limited by package construction.
3. VDD = 25V, Start TJ = 25
oC, L = 15mH, R
GS = 50Ω, IPEAK = 3.5A. See Figures 1, 2, 12, and 13.
4.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETERS
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 100µA, VGS = 0V
TC = -40
oC to
125oC
60
-
-
V
TC = 25
oC-
70
-
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA
1.8
2.3
2.7
V
Zero Gate Voltage Drain Current
IDSS
VDS = 60V
VGS = 0V
TC = 25
oC-
-
1
µA
TC = 125
oC-
-
10
µA
Forward Gate Current, Drain Short
Circuited to Source
IGSSF
VDS = 0V, VGS = 20V
-
-
100
nA
Reverse Gate Current, Drain Short
Circuited to Source
IGSSR
VDS = 0V, VGS = -15V
-
-
-100
nA
Drain to Source On Resistance (Note 5)
rDS(ON)
VGS = 10V, ID = 3.5A
TC = 25
oC
-
0.215
0.265
Ω
VGS = 10V, ID = 3.5A
TC = 125
oC
-
0.365
0.425
Ω
VGS = 5V, ID = 2A
TC = 25
oC
-
0.275
0.320
Ω
VGS = 5V, ID = 2A
TC = 125
oC
-
0.465
0.5
Ω
Drain to Source On Resistance Matching
rDS(ON)
VGS = 10V, ID = 3.5A
TC = 25
oC-
95
-
%
Forward Transconductance (Note 5)
gfs
VDS = 10V, ID = 1A
-
2.5
-
S
Turn-On Delay Time (Note 6)
td(ON)
VDD = 30V, RL = 15Ω,
VGS = +10V, ID = 2A, RG = 50Ω
See Figure 14
-10
-
ns
Rise Time (Note 6)
tr
-25
-
ns
Turn-Off Delay Time (Note 6)
td(OFF)
-18
-
ns
Fall Time (Note 6)
tf
-12-
ns
Total Gate Charge (Note 6)
Qg(TOT)
VDS = 50V, VGS = 10V, ID = 2A
See Figures 16, 17
-
8.0
9.5
nC
Gate-Source Charge (Note 6)
Qgs
-
0.7
1.0
nC
Gate-Drain Charge (Note 6)
Qgd
-
3.5
4.0
nC
HIP0061



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com