Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP0061AS2 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP0061AS2
Description  60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP0061AS2 Datasheet(HTML) 3 Page - Intersil Corporation

  HIP0061AS2 Datasheet HTML 1Page - Intersil Corporation HIP0061AS2 Datasheet HTML 2Page - Intersil Corporation HIP0061AS2 Datasheet HTML 3Page - Intersil Corporation HIP0061AS2 Datasheet HTML 4Page - Intersil Corporation HIP0061AS2 Datasheet HTML 5Page - Intersil Corporation HIP0061AS2 Datasheet HTML 6Page - Intersil Corporation HIP0061AS2 Datasheet HTML 7Page - Intersil Corporation HIP0061AS2 Datasheet HTML 8Page - Intersil Corporation HIP0061AS2 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Short-Circuit Input Capacitance,
Common Source
CISS
VDS = 25V, VGS = 0V
f = 1MHz
-
142
-
pF
Short-Circuit Output Capacitance,
Common Source
COSS
-
107
-
pF
Short-Circuit Reverse Transfer
Capacitance, Common Source
CRSS
-24
-
pF
Source-Drain Diode Ratings and Specifications
PARAMETERS
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Diode Forward Voltage (Note 5)
VSD
ISD = 2A, VGS = 0V
-
0.9
1.1
V
Reverse Recovery Time
trr
ISD = 2A, dISD/dt = 100A/µs
-
50
-
ns
NOTES:
5. Pulse test: Pulse width
≤ 300µs, duty cycle ≤ 2%.
6. Independent of operating temperature.
Typical Performance Curves
FIGURE 1A. 25oC SAFE-OPERATING AREA CURVE
FIGURE 1B. 105oC SAFE-OPERATING AREA CURVE
FIGURE 1C. 125oC SAFE-OPERATING AREA CURVE
FIGURE 2. UNCLAMPED INDUCTIVE-SWITCHING
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified (Continued)
PARAMETERS
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
0.1
10
100
1
10
1
VDS, DRAIN VOLTAGE (V)
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(ON)
10
µs
100
µs
1ms
TC = 25
oC
TJ = MAX RATED
10ms
DC
100ms
0.1
10
100
1
10
1
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
µs
100
µs
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(ON)
1ms
100
µs
TC = 105
oC
TJ = MAX RATED
10ms
DC
100ms
0.1
10
10
1
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
µs
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(ON)
100
10ms
1ms
100
µs
DC
100ms
1
TC = 125
oC
TJ = MAX RATED
tAV , TIME IN AVALANCHE (ms)
1
0.01
1.0
0.1
5
10
50
0.001
STARTING TJ = 125
oC
STARTING TJ = 25
oC
HIP0061



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com