Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP0081AS2 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP0081AS2
Description  Quad Inverting Power Drivers with Serial Diagnostic Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP0081AS2 Datasheet(HTML) 5 Page - Intersil Corporation

  HIP0081AS2 Datasheet HTML 1Page - Intersil Corporation HIP0081AS2 Datasheet HTML 2Page - Intersil Corporation HIP0081AS2 Datasheet HTML 3Page - Intersil Corporation HIP0081AS2 Datasheet HTML 4Page - Intersil Corporation HIP0081AS2 Datasheet HTML 5Page - Intersil Corporation HIP0081AS2 Datasheet HTML 6Page - Intersil Corporation HIP0081AS2 Datasheet HTML 7Page - Intersil Corporation HIP0081AS2 Datasheet HTML 8Page - Intersil Corporation HIP0081AS2 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
HIP0080 Output Leakage
Current
IOFFLK
Inputs Low, Each VOUT = 25V,
ENABLE Low
-
1.0
10
-
-
-
µA
Over-Voltage Clamp Range
VCLAMP IN Inputs Low (Outputs OFF),
IOUT = 40mA
27-43
73-89
V
Current Short Circuit Prot.
IOUT(SC) Note 2
1.3
-
3
2.2
-
4.8
A
Short Circuit Det. Delay
tSCDLY
-6-
-6-
µs
Output ON-OFF Voltage
Ramp Rate
Resistive Load
-
10
-
-
10
-
V/
µs
Turn-On Delay
tPHL
VCC = 14V, RLOAD = 14Ω
--
8
-
-
8
µs
Turn-Off Delay
tPLH
VCC = 14V, RLOAD = 14Ω
--
8
-
-
8
µs
SUPPLY
Power Supply Current
ICC
-
20
30
-
20
30
mA
Power Supply Reset Active
VCC_RST TA = 25
oC to T
A = 125
oC
3-4
3-4
V
TA = -40
oC
2.7
-
4
2.7
-
4
V
Shut-Down Current Mode
ISHTDN
Enable Low
-
130
200
-
-
-
µA
INPUTS
Low-Level Input Voltage
VIL
--
1
-
-
1
V
High-Level Input Voltage
VIH
3.5
-
-
3.5
-
-
V
Input Hysteresis Threshold
VIN_HYS (N.A. to HIP0080 ENABLE)
0.85
-
2.25
0.85
-
2.25
V
Input Pull-Down
Resistance
RPD
IN1, IN2, IN3, IN4 and ENABLE
50
100
200
50
100
200
k
Ω
DATAOUT (Open Drain)
Leakage Current
IDO_LEAK VDO = 7V, DO OFF (High)
-
-
10
-
-
10
µA
Logic Low Output Voltage
VOL
IDO = 1.6mA, DO ON (Low)
-
-
0.4
-
-
0.4
V
Max. Logic Low Current
IOH
VDO = 4.5V, DO ON
1.6
-
-
1.6
-
-
mA
Oscillator Frequency
fOSC
-
500
-
-
500
-
kHz
Serial Interface Clock Freq.
fCLK
Note 5
-
-
2
-
-
2
MHz
DIAGNOSTIC AND PROTECTION
Over-Temperature
Shutdown Threshold
150
165
-
150
165
-
oC
Shutdown Temperature Hys-
teresis
-15-
-15-
oC
Output Short-to-GND
Threshold
VCC = 5.5V to 16V
-
0.24x
VCC
-
-
0.24x
VCC
-V
Short-to-GND Hysteresis
VCC = 5.5V to 16V
-
0.02x
VCC
-
-
0.02x
VCC
-V
Open-Load Resistance for
No-Load Warning
VCC = 5.5V to 16V
5
-
25
5
-
25
k
Ω
Filter Delay Time for O.L. or
Short-to-GND
-12-
-12-
µs
NOTE:
5. The maximum Serial Clock Frequency may be limited by the time constant of the external load network at the DATAOUT pin.
Electrical Specifications VCC = 5.5V to 25V ±5%, TA = -40oC to 125oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
HIP0080
HIP0081
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
HIP0080, HIP0081



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com