Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP0081AS2 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HIP0081AS2
Description  Quad Inverting Power Drivers with Serial Diagnostic Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP0081AS2 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HIP0081AS2 Datasheet HTML 6Page - Intersil Corporation HIP0081AS2 Datasheet HTML 7Page - Intersil Corporation HIP0081AS2 Datasheet HTML 8Page - Intersil Corporation HIP0081AS2 Datasheet HTML 9Page - Intersil Corporation HIP0081AS2 Datasheet HTML 10Page - Intersil Corporation HIP0081AS2 Datasheet HTML 11Page - Intersil Corporation HIP0081AS2 Datasheet HTML 12Page - Intersil Corporation HIP0081AS2 Datasheet HTML 13Page - Intersil Corporation HIP0081AS2 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
HIP0080, HIP0081The Junction-to-Ambient equivalent to
Equation 3, 3A is:
HIP0080, HIP0081or:
HIP0080, HIP0081Not all Integrated Circuit packages have
a directly definable case temperature because the heat is
spread thru the lead frame to a PC Board which is the
effective heat sink.
Calculation Example 1
HIP0080, HIP0081For the HIP0081,
θ
JC = 3
oC/W and the
worst case junction temperature, as an application design
solution, should not exceed 150oC. For a given application,
Equation 1 determines the dissipation, PD.
HIP0080, HIP0081Assume the package is mounted to a
heat sink having a thermal resistance of 6oC/W and, for a
given application, assume the dissipation is 3W and the
ambient temperature (TA) is 100
oC. From Equation 4, θJA is
9oC/W. The solution for junction temperature (TC) by
Equation 3 is:
HIP0080, HIP0081TJ = 100
oC + 3W x 9oC/W = 127oC.
Calculation Example 2:
HIP0080, HIP0081Assume for the HIP0080,
θ
JA = 30
oC/W
mounted on a PC Board with good heat sinking
characteristics. Again, the worst case junction temperature,
as an application design solution, should not exceed
150oC. Assume from the application, based on Equation 1,
the dissipation, PD = 1.5W. The maximum junction
temperature is known and can be used to determine the
maximum allowable ambient temperature from Equation 5A
as follows:
HIP0080, HIP0081TA = 150
oC - 1.5W x 30oC/W = 105oC.
Equal Current Loading Solution
HIP0080, HIP0081Many applications may have equal
current loading in the output drivers with equal saturated
turn ON and temperature conditions. As such, a convenient
method to show rating boundaries is to substitute the
dissipation Equation 2 into the junction temperature
Equation 3. For m outputs that are ON and conducting with
equal currents, where I = I1=I2.....=Im, we have the
following solution for dissipation:
HIP0080, HIP0081The number of output drivers ON and
conducting (m) may be from 1 to n. (i.e., For all four output
drivers of the HIP0081 ON, m = 4.) Maximum temperature,
dissipation and current ratings must be observed. For a
defined number of conducting Power MOS Output Drivers,
we can plot the results for m devices showing I vs TC.
HIP0080, HIP0081Given the HIP0081 as an example,
Figures 6 and Figure 7 illustrate the boundaries for
temperature and current. Figure 6 shows the maximum
current for a single output ON while Figure 7 shows the
maximum current for all four outputs ON with equal current
plotted versus Case Temperature, TC. Boundary conditions
relate to the Absolute Maximum Ratings as defined in the
Data Sheet.
T
J
T
A
P
D
θ
JA
×
+
=
(EQ. 5)
(EQ. 5A)
T
A
T
J
P
D
θ
JA
×
–
=
(EQ. 6)
P
D
mP
k
×
mI
×
2
r
DS ON
()
×
==
I
T
J
T
C
–
m
θ
JC
r
DS ON
()
×
×
--------------------------------------------------
=
(EQ. 7)
FIGURE 6. HIP0081 MAXIMUM SINGLE OUTPUT CURRENT vs CASE (TAB) TEMPERATURE
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
CASE (HEAT SINK TAB) TEMPERATURE (oC)
(1)
(2)
CURVE (1): rDS(ON) = 1Ω
CURVE (2): rDS(ON) = 0.5Ω
THERMAL RESISTANCE,
θJC = 3oC/W
MAX. +IOUT(DC)
HIP0080, HIP0081



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com