Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP1012ACB-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # HIP1012ACB-T
Description  Dual Power Distribution Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1012ACB-T Datasheet(HTML) 4 Page - Intersil Corporation

  HIP1012ACB-T Datasheet HTML 1Page - Intersil Corporation HIP1012ACB-T Datasheet HTML 2Page - Intersil Corporation HIP1012ACB-T Datasheet HTML 3Page - Intersil Corporation HIP1012ACB-T Datasheet HTML 4Page - Intersil Corporation HIP1012ACB-T Datasheet HTML 5Page - Intersil Corporation HIP1012ACB-T Datasheet HTML 6Page - Intersil Corporation HIP1012ACB-T Datasheet HTML 7Page - Intersil Corporation HIP1012ACB-T Datasheet HTML 8Page - Intersil Corporation HIP1012ACB-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
Absolute Maximum Ratings TA =25oC
Thermal Information
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +13.2V
3/12VG, CPUMP. . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 18.5V
3/12VISEN, 3/12VS . . . . . . . . . . . . . . . . . . . . . . . -5V to VDD + 0.3V
5VISEN, 5VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -5V to 7.5V
PGOOD, RILIM. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7.5V
MODE/PWRON1, PWRON2, CTIM, 5VG . . . . .-0.3V to VDD + 0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV (Class 2)
Operating Conditions
VDD Supply Voltage Range . . . . . . . . . . . . . . . . . . . +10.5V to +13.2
Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . . . . 0
oC to 70oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
120
Maximum Junction Temperature (Plastic Package) . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
2. All voltages are relative to GND, unless otherwise specified.
Electrical Specifications
VDD = 12V, CVG = 0.01µF, CTIM = 0.1µF, RSENSE = 0.1Ω,CBULK = 220µF, ESR = 0.5Ω,TA =TJ =0
oCto70oC,
Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
12V CONTROL SECTION
Current Limit Threshold Voltage
(Voltage Across Sense Resistor)
VIL12V
VIL12V
RILIM =10kΩ
RILIM = 5kΩ HIP1012A only
92
47
100
53
108
59
mV
mV
3X Current Limit Threshold Voltage
(Voltage Across Sense Resistor)
3XViL12V
3XVIL12V
RILIM =10kΩ
RILIM = 5kΩ HIP1012A only
250
100
300
165
350
210
mV
mV
±20% Current Limit Response Time
(Current within 20% of Regulated Value)
20%iLrt
200% Current Overload, RILIM = 10kΩ,
RSHORT = 6.0Ω
-2-
µs
±10% Current Limit Response Time
(Current within 10% of Regulated Value)
10%iLrt
200% Current Overload, RILIM = 10kΩ,
RSHORT = 6.0Ω
-4-
µs
±1% Current Limit Response Time
(Current within 1% of Regulated Value)
1%iLrt
200% Current Overload, RILIM = 10kΩ,
RSHORT = 6.0Ω
-10-
µs
Response Time To Dead Short
RTSHORT
C12VG = 0.01µF
-
500
1000
ns
Gate Turn-On Time
tON12V
C12VG = 0.01µF
-
12
-
ms
Gate Turn-On Current
ION12V
C12VG = 0.01µF
8
10
12
µA
3X Gate Discharge Current
3XdisI
12VG = 18V
0.5
0.75
-
A
12V Under Voltage Threshold
12VVUV
10.5
10.8
11.0
V
Qpumped 12VG Voltage
V12VG
CPUMP = 0.1µF
16.8
17.3
17.9
V
3.3V/5V CONTROL SECTION
Current Limit Threshold Voltage
(Voltage Across Sense Resistor)
VIL5V
RILIM =10kΩ
RILIM = 5kΩ HIP1012A only
92
47
100
53
108
59
mV
mV
3X Current Limit Threshold Voltage
(Voltage Across Sense Resistor)
3XVIL5V
RILIM =10kΩ
RILIM = 5kΩ HIP1012A only
250
100
300
155
350
210
mV
mV
±20% Current Limit Response Time
(Current within 20% of regulated value)
200% Current Overload, RILIM = 10kΩ,
RSHORT = 2.5Ω
-2-
µs
±10% Current Limit Response Time
(Current within 10% of Regulated Value)
200% Current Overload, RILIM = 10kΩ,
RSHORT = 2.5Ω
-4-
µs
±1% Current Limit Response Time
(Current within 1% of Regulated Value)
200% Current Overload, RILIM = 10kΩ,
RSHORT = 2.5Ω
-10-
µs
Response Time To Dead Short
RTSHORT
CVG = 0.01µF
-
500
800
ns
HIP1012, HIP1012A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com