Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP1012ACB-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # HIP1012ACB-T
Description  Dual Power Distribution Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1012ACB-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HIP1012ACB-T Datasheet HTML 6Page - Intersil Corporation HIP1012ACB-T Datasheet HTML 7Page - Intersil Corporation HIP1012ACB-T Datasheet HTML 8Page - Intersil Corporation HIP1012ACB-T Datasheet HTML 9Page - Intersil Corporation HIP1012ACB-T Datasheet HTML 10Page - Intersil Corporation HIP1012ACB-T Datasheet HTML 11Page - Intersil Corporation HIP1012ACB-T Datasheet HTML 12Page - Intersil Corporation HIP1012ACB-T Datasheet HTML 13Page - Intersil Corporation HIP1012ACB-T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
HIP1012EVAL1 Board Components
NOTE: Test point number equals HIP1012 pin number.
GENERIC BOARD
LOAD BOARD
BUS BOARD
FIGURE 12.
3/12VS
1
3/12VG
2
VDD
3
MODE/
4
PWRON2
5
5VG
6
5VS
7
3/12ISEN
14
RILIM
13
GND
12
CPUMP
11
CTIM
10
5VISEN
8
PGOOD
9
U1
PWRON1
C3
R1
C2
R5
3 /12VIN
GND
GND
5VIN
VDD
3 / 12VOUT
GND
GND
5VOUT
JP1
JP2
R2
R4
C1
C4
Q1
Q2
1
R3
CEC1
CEC2
JP3
JP4
LED1
R101
C5
100m
Ω
20m
Ω
20
Ω
10k
Ω
20
Ω
0.1
µF
0.047
µF
0.01
µF
0.01
µF
0.1
µF
RL1
RL2
RL3
RL4
SW13
SW14
SW11
SW12
R102
CEF
CEF 9,11,
CEF 1,2,3
CEF 4,5,6,
7,8,10
R103
LED3
LED2
0.8
Ω
1.6
Ω
7
Ω
10
Ω
12
3.3/12VIN BJ1
GND BJ2
GND BJ3
5VIN BJ4
1
CEF 9,11,12
CEF 1,2,3
CEF 4,5,6
7,8,10
INPUT CEF
HIP1012, HIP1012A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com