Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2106IP Datasheet(PDF) 4 Page - Intersil Corporation

Part # HIP2106IP
Description  100V/1A Peak, Low Cost, High Frequency Half Bridge Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2106IP Datasheet(HTML) 4 Page - Intersil Corporation

  HIP2106IP Datasheet HTML 1Page - Intersil Corporation HIP2106IP Datasheet HTML 2Page - Intersil Corporation HIP2106IP Datasheet HTML 3Page - Intersil Corporation HIP2106IP Datasheet HTML 4Page - Intersil Corporation HIP2106IP Datasheet HTML 5Page - Intersil Corporation HIP2106IP Datasheet HTML 6Page - Intersil Corporation HIP2106IP Datasheet HTML 7Page - Intersil Corporation HIP2106IP Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Peak Pulldown Current
IOLH
VHO = 12V
-
1
-
-
-
A
Switching Specifications VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST
CONDITIONS
TJ = 25
oC
TJ = - 40
oC
TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
Lower Turn-Off Propagation Delay (LI Falling to LO Falling)
tLPHL
-
40
70
-
90
ns
Upper Turn-Off Propagation Delay (HI Falling to HO Falling)
tHPHL
-
40
70
-
90
ns
Lower Turn-On Propagation Delay (LI Rising to LO Rising)
tLPLH
-
40
70
-
90
ns
Upper Turn-On Propagation Delay (HI Rising to HO Rising)
tHPLH
-
40
70
-
90
ns
Delay Matching: Lower Turn-On and Upper Turn-Off
tMON
-
4
16
-
20
ns
Delay Matching: Lower Turn-Off and Upper Turn-On
tMOFF
-
4
16
-
20
ns
Either Output Rise/Fall Time
tRC, tFC
CL = 1000pF
-
20
-
-
-
ns
Either Output Rise/Fall Time (3V to 9V)
tR, tF
CL = 0.1µF
-
1.0
1.2
-
1.6
us
Either Output Rise Time Driving DMOS
tRD
CL = IRFR120
-
40
-
-
-
ns
Either Output Fall Time Driving DMOS
tFD
CL = IRFR120
-
20
-
-
-
ns
Minimum Input Pulse Width that Changes the Output
tPW
----
100
ns
Bootstrap Diode Turn-On or Turn-Off Time
tBS
-
20
---
ns
Pin Descriptions
PIN
NUMBER
SYMBOL
DESCRIPTION
1VDD
Positive Supply to lower gate drivers. De-couple this pin to VSS (Pin 7). Bootstrap diode connected to HB (pin 2).
2
HB
High-Side Bootstrap supply. External bootstrap capacitor is required. Connect positive side of bootstrap capacitor to
this pin. Bootstrap diode is on-chip.
3
HO
High-Side Output. Connect to gate of High-Side power MOSFET.
4
HS
High-Side Source connection. Connect to source of High-Side power MOSFET. Connect negative side of bootstrap
capacitor to this pin.
5
HI
High-Side input.
6
LI
Low-Side input.
7VSS
Chip negative supply, generally will be ground.
8
LO
Low-Side Output. Connect to gate of Low-Side power MOSFET.
Timing Diagrams
FIGURE 3.
FIGURE 4.
Electrical Specifications
VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TJ = 25
oC
TJ = -40
oC
TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
tHPLH,
tLPLH
tHPHL,
tLPHL
HI,
LI
HO,
LO
tMON
tMOFF
LI
HI
LO
HO
HIP2106



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com