Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2106IP Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP2106IP
Description  100V/1A Peak, Low Cost, High Frequency Half Bridge Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2106IP Datasheet(HTML) 5 Page - Intersil Corporation

  HIP2106IP Datasheet HTML 1Page - Intersil Corporation HIP2106IP Datasheet HTML 2Page - Intersil Corporation HIP2106IP Datasheet HTML 3Page - Intersil Corporation HIP2106IP Datasheet HTML 4Page - Intersil Corporation HIP2106IP Datasheet HTML 5Page - Intersil Corporation HIP2106IP Datasheet HTML 6Page - Intersil Corporation HIP2106IP Datasheet HTML 7Page - Intersil Corporation HIP2106IP Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Typical Performance Curves
FIGURE 5. OPERATING CURRENT vs FREQUENCY
FIGURE 6. LEVEL SHIFTER CURRENT vs FREQUENCY
FIGURE 7. HIGH LEVEL OUTPUT VOLTAGE vs TEMPERATURE
FIGURE 8. LOW LEVEL OUTPUT VOLTAGE vs TEMPERATURE
FIGURE 9. UNDERVOLTAGE LOCKOUT THRESHOLD vs
TEMPERATURE
FIGURE 10. UNDERVOLTAGE LOCKOUT HYSTERESIS vs
TEMPERATURE
T = 125oC
T = 25oC
T = -40oC
T = 150oC
10
100
500
10
1
0.1
0.01
FREQUENCY (kHz)
50
T = 150oC
10
1
0.1
0.01
10
100
1000
FREQUENCY (kHz)
T = 25oC
T = 125oC
T = -40oC
TEMPERATURE (oC)
500
400
300
200
100
-50
0
50
100
150
VHB = VDD = 9V
VHB = VDD = 12V
VHB = VDD = 14V
VHB = VDD = 16.5V
TEMPERATURE (oC)
500
400
300
200
100
-50
0
50
100
150
VHB = VDD = 9V
VHB = VDD = 12V
VHB = VDD = 14V
VHB = VDD = 16.5V
TEMPERATURE (oC)
-50
0
50
100
150
7.6
7.4
7.2
7.0
6.8
6.6
VDDR
VHBR
TEMPERATURE (oC)
-50
0
50
100
150
0.54
0.5
0.46
0.42
0.38
0.3
VDDH
VHBH
0.34
HIP2106



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com