Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4083AP Datasheet(PDF) 4 Page - Intersil Corporation

Part # HIP4083AP
Description  80V, 300mA Three Phase High Side Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4083AP Datasheet(HTML) 4 Page - Intersil Corporation

  HIP4083AP Datasheet HTML 1Page - Intersil Corporation HIP4083AP Datasheet HTML 2Page - Intersil Corporation HIP4083AP Datasheet HTML 3Page - Intersil Corporation HIP4083AP Datasheet HTML 4Page - Intersil Corporation HIP4083AP Datasheet HTML 5Page - Intersil Corporation HIP4083AP Datasheet HTML 6Page - Intersil Corporation HIP4083AP Datasheet HTML 7Page - Intersil Corporation HIP4083AP Datasheet HTML 8Page - Intersil Corporation HIP4083AP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
15
Pin Descriptions
PIN
NUMBER
SYMBOL
DESCRIPTION
6
11
16
AHB
BHB
CHB
(xHB)
Gate driver supplies. One external bootstrap diode and one capacitor are required for each. The bootstrap
diode and capacitor may be omitted when the HIP4083 is used to drive the lower gates in three phase full
bridge applications. In this case, tie all three xHB pins to VDD and tie the xHS pins to the sources of the
lower FETs. In full bridge applications, the lower FETs must be turned on first at start up to refresh the boot-
strap capacitors. In high side switch applications, the load will keep xHS low and refresh should happen
automatically at start up.
1
2
3
AHI
BHI
CHI
(xHI)
Logic level inputs. Logic at these three pins controls the three output drivers, AHO, BHO and CHO. When
xHI is low, xHO is high. When xHI is high, xHO is low. DIS (Disable) overrides all input signals. xHI can be
driven by signal levels of 0V to 15V (no greater than VDD). If these pins are not driven, an internal 100µA
current source pulls them high.
5VSS
Chip ground.
13
UVLO
Undervoltage setting. A resistor can be connected between this pin and VSS to program the under voltage
set point - see Figure 7. With this pin not connected the undervoltage set point is typically 7V. When this
pin is tied to VDD, the undervoltage set point is typically 6.2V.
4
DIS
Disable input. Logic level input that when taken high sets all three outputs low. DIS high overrides all other
inputs. When DIS is taken low the outputs are controlled by the other inputs. DIS can be driven by signal
levels of 0V to 15V (no greater than VDD). An internal 100µA pull-up holds DIS high when this pin is not
driven.
7
10
15
AHO
BHO
CHO
(xHO)
Gate connections. Connect to the gates of the power MOSFETs in each phase.
8
9
14
AHS
BHS
CHS
(xHS)
MOSFET source connection. Connect the sources of the power MOSFETs and the negative side of the
bootstrap capacitors to these pins. In high side switch applications, 2mA of current will flow out of these
pins into the load when the upper FETs are off. This current is necessary to guarantee that the upper FETs
stay off. This current tends to pull xHS high. For proper refresh, the load must pull the voltage on xHS down
to at least 7V below VDD. For example, when VDD = 12V, xHS must be pulled down to 5V. Therefore, the
minimum load necessary for proper refresh is given by the following equation: RMIN = 5V/2mA = 2.5kΩ. So
in this case, if the load has an impedance less than 5k
Ω, refresh will happen automatically at start up.
12
VDD
Positive supply rail. Bypass this pin to VSS with a capacitor >1µF. In applications where the bus voltage and
chip VDD are at the same potential, it is a good idea to run a separate line from the supply to each. This
greatly simplifies the filtering requirements.
HIP4083



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com