Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4083AP Datasheet(PDF) 6 Page - Intersil Corporation

Part # HIP4083AP
Description  80V, 300mA Three Phase High Side Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4083AP Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HIP4083AP Datasheet HTML 2Page - Intersil Corporation HIP4083AP Datasheet HTML 3Page - Intersil Corporation HIP4083AP Datasheet HTML 4Page - Intersil Corporation HIP4083AP Datasheet HTML 5Page - Intersil Corporation HIP4083AP Datasheet HTML 6Page - Intersil Corporation HIP4083AP Datasheet HTML 7Page - Intersil Corporation HIP4083AP Datasheet HTML 8Page - Intersil Corporation HIP4083AP Datasheet HTML 9Page - Intersil Corporation HIP4083AP Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
17
Switching Specifications VDD = VxHB = 12V, VSS = VxHS = 0V, CGATE = 1000pF
PARAMETER
TEST CONDITIONS
TJ = 25
oC
TJS = -40
oC TO
150oC
UNITS
MIN
TYP
MAX
MIN
MAX
Turn-Off Propagation Delay (xHI - xHO)
No Load
-
60
80
90
ns
Turn-On Propagation Delay (xHI - xHO)
No Load
-
65
90
100
ns
Rise Time (10 - 90%)
CGATE = 1000pF
-
35
60
-
65
ns
Fall Time (90 - 10%)
CGATE = 1000pF
-
30
50
-
55
ns
Disable Turn-Off Propagation Delay
No Load
-
65
-
-
100
ns
Disable to Output Enable (DIS - xHO)
No Load
-
70
-
-
100
ns
Typical Performance Curves
FIGURE 1. VDD SUPPLY CURRENT vs VDD SUPPLY VOLTAGE
FIGURE 2. VDD SUPPLY CURRENT vs SWITCHING FREQUENCY
FIGURE 3. FLOATING SUPPLY OFF BIAS CURRENT
FIGURE 4. FLOATING SUPPLY ON BIAS CURRENT
-60
-40
-20
0
20
40
60
80
100
120
140 160
1.0
1.2
1.4
1.6
1.8
2.0
JUNCTION TEMPERATURE (oC)
VDD = 16V
VDD = 15V
VDD = 12V
VDD = 10V
VDD = 8V
VDD = 7V
-60 -40
-20
0
20
40
60
80
100
120
140
160
3.0
3.5
4.0
4.5
JUNCTION TEMPERATURE (oC)
200kHz
100kHz
50kHz
10kHz
20kHz
-60
-40
-20
0
20
40
60
80
100
120
140 160
650
700
750
800
850
900
950
JUNCTION TEMPERATURE (oC)
(VXHB - VXHS) = 15V
(VXHB - VXHS) = 14V
(VXHB - VXHS) = 10V
(VXHB - VXHS) = 8V
(VXHB - VXHS) = 7V
(VXHB - VXHS) = 13V
(VXHB - VXHS) = 12V
-60
-40
-20
0
20
40
60
80
100
120
140 160
60
70
80
90
100
110
120
JUNCTION TEMPERATURE (oC)
(VXHB - VXHS) = 15V
(VXHB - VXHS) = 12V
(VXHB - VXHS) = 10V
(VXHB - VXHS) = 8V
(VXHB - VXHS) = 7V
HIP4083



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com