Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP5015 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP5015
Description  7V, 7A SynchroFET??Complementary Drive Synchronous Half-Bridge
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP5015 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP5015 Datasheet HTML 1Page - Intersil Corporation HIP5015 Datasheet HTML 2Page - Intersil Corporation HIP5015 Datasheet HTML 3Page - Intersil Corporation HIP5015 Datasheet HTML 4Page - Intersil Corporation HIP5015 Datasheet HTML 5Page - Intersil Corporation HIP5015 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2-8
File Number
4142
HIP5015, HIP5016
7V, 7A SynchroFET™ Complementary
Drive Synchronous Half-Bridge
Designed with the Pentium® in mind, the Intersil SynchroFET
family provides a new approach for implementing a
synchronous rectified buck switching regulator. The
SynchroFET™ replaces two power DMOSs, a Schottky diode,
two gate drivers and synchronous control circuitry. The
complementary drive circuit turns the upper FET on and the
lower FET off when the input from the PWM is high. When the
input from the PWM goes low the upper FET turns off and the
lower FET turns on. The HIP5016 has a PWM pin that inverts
the relationship from the input to PHASE. This architecture
allows the designer to utilize a low cost single-ended PWM
controller in either a current or voltage mode configuration. The
SynchroFET operates in continuous conduction mode reducing
EMI constraints and enabling high bandwidth operation.
Several features ensure easy start-up. First, the supply currents
stay below specification as the supply voltages ramp up; no
unexpected surges occur that might perturb a soft-start or
deplete a charge-pump. Second, any power-up sequence of
the VCC, VIN, or PWM pins can be used without causing large
currents. Third, the chip operates when VCC is greater than 2V
so VCC can be created from a charge pump powered from VIN.
Features
• Complementary Drive, Half-Bridge Power NMOS
• Use With Low-Cost Single-Output PWM Controllers
• Improve Efficiency Over Conventional Buck Converter with
Schottky Clamp
• Minimum Deadtime Provided by Adaptive Shoot-Through
Protection Eliminates External Schottky
• Grounded Case for Low EMI and Simple Heatsinking
• Low Operating Current
• Frequency Exceeding 1MHz
• Dual Polarity Input Options
• All Pins Surge Protected
Applications
• 5V to
≤3.3V Synchronous Buck Converters
• 3.3V to
≤2.9V Synchronous Buck Converters
• Pentium Power Supplies
• Bus Terminations (BTL and GTL)
• Drive 5V Motors Directly from Microprocessor
Typical Application Block Diagram
Pinouts
HIP5015IS1, HIP5016IS1 (SIP - VERTICAL)
TOP VIEW
Pentium® is a registered trademark of Intel Corporation.
SynchroFET™ is a trademark of Intersil Corporation.
HIP5015IS, HIP5016IS (SIP - GULLWING)
TOP VIEW
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HIP5015IS
-40 to 85
7 Ld Gullwing SIP
Z7.05B
HIP5015IS1
-40 to 85
7 Ld Staggered
Vertical SIP
Z7.05C
HIP5016IS
-40 to 85
7 Ld Gullwing SIP
Z7.05B
HIP5016IS1
-40 to 85
7 Ld Staggered
Vertical SIP
Z7.05C
+12V
+3.3V
PHASE
PWM
VIN
VCC
CONTROL
+5V
HIP5015
PWM
CONTROLLER
SYNCHRONOUS RECTIFIED BUCK CONVERTER
GND
1 PHASE
2VIN
3VCC
4 GND
5 PWM (HIP5015), PWM (HIP5016)
6NC
7NC
GND (TAB)
FRONT ROWS = PINS 1,3,5,7
BACK ROWS = PINS 2,4,6
1 PHASE
2VIN
3VCC
4
5 PWM (HIP5015), PWM (HIP5016)
6NC
7NC
GND
(TAB)
Data Sheet
June 1996
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HIP5015

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP5010 INTERSIL-HIP5010 Datasheet
38Kb / 6P
7V, 17A SynchroFET??Complementary Drive Synchronous Half-Bridge
1996 03
logo
Renesas Technology Corp
HIP5010 RENESAS-HIP5010 Datasheet
440Kb / 7P
7V, 17A SynchroFET™ Complementary Drive Synchronous Half-Bridge
March 1996
logo
Intersil Corporation
HIP5010IS INTERSIL-HIP5010IS Datasheet
38Kb / 6P
7V, 17A SynchroFET??Complementary Drive Synchronous Half-Bridge
1996 03
logo
Renesas Technology Corp
HIP5010IS RENESAS-HIP5010IS Datasheet
440Kb / 7P
7V, 17A SynchroFET™ Complementary Drive Synchronous Half-Bridge
March 1996
logo
Intersil Corporation
HIP5010IS1 INTERSIL-HIP5010IS1 Datasheet
38Kb / 6P
7V, 17A SynchroFET??Complementary Drive Synchronous Half-Bridge
1996 03
More results

Similar Description - HIP5015

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4501H FAIRCHILD-FDS4501H Datasheet
1Mb / 8P
Complementary PowerTrench Half-Bridge MOSFET
NDS8839H FAIRCHILD-NDS8839H Datasheet
350Kb / 12P
Complementary MOSFET Half Bridge
NDS8852H FAIRCHILD-NDS8852H Datasheet
349Kb / 12P
Complementary MOSFET Half Bridge
logo
Intersil Corporation
HIP5010 INTERSIL-HIP5010 Datasheet
38Kb / 6P
7V, 17A SynchroFET??Complementary Drive Synchronous Half-Bridge
1996 03
ISL6571 INTERSIL-ISL6571 Datasheet
374Kb / 11P
Complementary MOSFET Driver and Synchronous Half-Bridge Switch
April 18, 2005
logo
Guangdong Kexin Industr...
KDS4501H KEXIN-KDS4501H Datasheet
77Kb / 3P
Complementary PowerTrench Half-Bridge MOSFET
logo
Fairchild Semiconductor
FAN7384 FAIRCHILD-FAN7384_09 Datasheet
1Mb / 17P
Half-Bridge Gate-Drive IC
FAN73933 FAIRCHILD-FAN73933 Datasheet
1Mb / 17P
Half-Bridge Gate Drive IC
logo
Renesas Technology Corp
HIP5010 RENESAS-HIP5010 Datasheet
440Kb / 7P
7V, 17A SynchroFET™ Complementary Drive Synchronous Half-Bridge
March 1996
ISL6571 RENESAS-ISL6571 Datasheet
379Kb / 11P
Complementary MOSFET Driver and Synchronous Half-Bridge Switch
April 18, 2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com