Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP5020 Datasheet(PDF) 13 Page - Intersil Corporation

Part # HIP5020
Description  Integrated-Power Buck Converter Controller with Synchronous Rectification
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP5020 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button HIP5020 Datasheet HTML 7Page - Intersil Corporation HIP5020 Datasheet HTML 8Page - Intersil Corporation HIP5020 Datasheet HTML 9Page - Intersil Corporation HIP5020 Datasheet HTML 10Page - Intersil Corporation HIP5020 Datasheet HTML 11Page - Intersil Corporation HIP5020 Datasheet HTML 12Page - Intersil Corporation HIP5020 Datasheet HTML 13Page - Intersil Corporation HIP5020 Datasheet HTML 14Page - Intersil Corporation HIP5020 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
2-25
The charge pump can be used to supply current for external
loads on the VCC pin. Figure 11 shows the regulation
characteristics of the charge pump in the various operating
regions. These characteristics are for a DC-DC converter
(Circuit 3) operating at 100kHz and with 1
µF capacitors for C4
and C5. The charge pump may not be suitable for some
applications and external loads. Be sure that the load can
tolerate the VCC voltage variation with input voltage. During
Hysteretic Mode, the external load should be removed when
the converter turns off. Note that the charge pump and
oscillator are disabled with RUN low (see Operating Modes).
The external load could cause an under-voltage lockout trip
and subsequent soft-start cycle.
Light Load Power Dissipation
The converter efficiency and power dissipation at light load is
mainly a function of the bias supplied to the HIP5020. Figure
12 shows the input current as a function of the input voltage
for the two states of the RUN signal. IIN is summation of both
the current into the VIN and VINF pins. The curve for IIN with
the RUN signal High does not include the gate drive power.
The gate drive power is a function of the MOSFETs gate
charge, voltage and switching frequency. Figure 13 shows
the combined gate energy required by the internal
MOSFETs with the charge pump characteristics. To
determine the total bias power:
1. Multiply the value in Figure 13 by the switching frequency.
2. Add the product of the voltage and current from the RUN
= High curve in Figure 12.
3. Multiply by the ratio of RUN time to the Hysteretic period.
4. Add the product of the voltage and current from the RUN
= Low curve in Figure 12.
MOSFET On-Resistance
Conduction losses are a significant portion of the power
dissipation in a DC-DC converter. The HIP5020 conduction
losses are the product of the square of the average output
current and the MOSFET on-resistance - rDS(ON). The
rDS(ON) of the MOSFETs is a function of VCC and junction
temperature. VCC changes with the input voltage as shown
in Figure 10 above. Figure 14 shows the maximum rDS(ON)
of both MOSFETs as a function of input voltage for a junction
temperature of 25oC. The junction temperature of the
HIP5020 also effects rDS(ON). Figure 15 shows the rDS(ON)
as a function of temperature for three gate voltage levels.
0
5
10
15
20
5
10
15
20
INPUT VOLTAGE (V)
FIGURE 10. CHARGE PUMP REGULATOR INPUT VOLTAGE
CHARACTERISTICS
CHARGE
PUMP
DISABLED
REGULATION
REGION
VOLTAGE
DOUBLER
REGION
1
2
5
10
20
50
100
14
12
10
8
EXTERNAL LOAD (MADC)
FIGURE 11. BIAS VOLTAGE (VCC) vs EXTERNAL LOAD
CURRENT
VIN = 5VDC
VIN = 12VDC
VIN = 8.65VDC
CIRCUIT 3
100
80
60
40
20
0
0
5
10
15
20
VIN (V)
FIGURE 12. BIAS POWER CHARACTERISTICS
RUN = LOW
RUN = HIGH
CT - GND
0
5
10
15
20
VIN (V)
0.4
0.3
0.2
0.1
0.0
FIGURE 13. MOSFET GATE ENERGY CHARACTERISTICS vs
INPUT VOLTAGE
HIP5020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com