Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP5020 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP5020
Description  Integrated-Power Buck Converter Controller with Synchronous Rectification
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP5020 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP5020 Datasheet HTML 1Page - Intersil Corporation HIP5020 Datasheet HTML 2Page - Intersil Corporation HIP5020 Datasheet HTML 3Page - Intersil Corporation HIP5020 Datasheet HTML 4Page - Intersil Corporation HIP5020 Datasheet HTML 5Page - Intersil Corporation HIP5020 Datasheet HTML 6Page - Intersil Corporation HIP5020 Datasheet HTML 7Page - Intersil Corporation HIP5020 Datasheet HTML 8Page - Intersil Corporation HIP5020 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
2-13
File Number
4243
HIP5020
Integrated-Power Buck Converter
Controller with Synchronous Rectification
The HIP5020 is a high-efficiency, buck converter controller
with synchronous rectification and integral power MOSFETs.
Integrated current sensing eliminates the external resistor
and saves power. The controller combines two methods of
regulation: Current mode control for outstanding regulation
response to large signal load transients, and Hysteretic
mode control for high efficiency at low output currents.
The HIP5020 controller offers a high degree of flexibility.
Small components set the switching frequency, the soft-start
interval and the load current boundary between Run and
Hysteretic modes. These adjustments enable the designer
to best optimize the trade-offs of cost, efficiency and size.
The example application guide section illustrates these
trade-offs with component and vendor suggestions for three
circuit designs. These designs are suitable for use without
modification. However, the block diagram, detailed
description and HIP5020 component specifications enable
further optimization to meet specific requirements.
Features
• High Efficiency - Above 95%
• Integrated N-Channel Synchronous Rectifier
and Upper MOSFETs - 75m
Ω Each
• Wide Input Voltage and Load Range
- 4.5VDC to 18VDC (5 to 12 NiCd Battery Cells)
- Up to 3.5ADC
• Automatically Switches Regulation Mode
- Current Mode Control for Excellent Performance at
High Load Currents
- Hysteretic Control for High Efficiency at Light Load
Currents
• Flexible and Easy to Use
- Ready-to-Use Example Applications
- Custom Optimization with Small Components
- Design and Simulation Software Available
• Integrated, Low-Loss Current Sensing
• Over-Current Protection
• Adaptive Dead-Time - Eliminates Shoot-Through
• 100kHz to 1MHz PWM Switching Frequency
• Thermally Enhanced SOIC Package
Applications
• Notebook Computers
• Portable Telecommunications
• Portable Instruments
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HIP5020DB
0 to 70
28 Ld SOIC
M28.3
Pinout
HIP5020 (SOIC)
TOP VIEW
Typical Application
VIN
VIN
VIN
PHASE
GND
FB
VINF
HMI
SLOPE
PHASE
OVLD
SOFT
SD
CP-
CP+
VCC
BOOT
CT
PHASE
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
PGND
PHASE
(WEB)
PGND
(WEB)
L1
C1
VOUT
VIN
MODE
CONTROL AND
PROTECTION
HIP5020
14
µH
440
µF
0.001
0.01
0.1
1
10
80
85
90
95
100
VIN = 5V
LOAD CURRENT (A)
VO = 3.3V
VIN = 6V
VO = 5V
INTERNAL
SUPPLY
REGULATION
AND CONTROL
Data Sheet
January 1997
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HIP5020

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP5010 INTERSIL-HIP5010 Datasheet
38Kb / 6P
7V, 17A SynchroFET??Complementary Drive Synchronous Half-Bridge
1996 03
logo
Renesas Technology Corp
HIP5010 RENESAS-HIP5010 Datasheet
440Kb / 7P
7V, 17A SynchroFET™ Complementary Drive Synchronous Half-Bridge
March 1996
logo
Intersil Corporation
HIP5010IS INTERSIL-HIP5010IS Datasheet
38Kb / 6P
7V, 17A SynchroFET??Complementary Drive Synchronous Half-Bridge
1996 03
logo
Renesas Technology Corp
HIP5010IS RENESAS-HIP5010IS Datasheet
440Kb / 7P
7V, 17A SynchroFET™ Complementary Drive Synchronous Half-Bridge
March 1996
logo
Intersil Corporation
HIP5010IS1 INTERSIL-HIP5010IS1 Datasheet
38Kb / 6P
7V, 17A SynchroFET??Complementary Drive Synchronous Half-Bridge
1996 03
More results

Similar Description - HIP5020

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33470 ONSEMI-MC33470 Datasheet
306Kb / 16P
SYNCHRONOUS RECTIFICATION DC/DC CONVERTER PROGRAMMABLE INTEGRATED CONTROLLER
1999 REV 1
MC33470 ONSEMI-MC33470_06 Datasheet
189Kb / 15P
Synchronous Rectification DC/DC Converter Programmable Integrated Controller
August, 2006 ??Rev. 4
logo
Semtech Corporation
SC192 SEMTECH-SC192 Datasheet
261Kb / 15P
Synchronous Buck Converter with Integrated Power Devices
logo
Rohm
BD8961NV ROHM-BD8961NV_14 Datasheet
1Mb / 25P
Synchronous Buck Converter with Integrated FET
BD8964FVM ROHM-BD8964FVM_15 Datasheet
795Kb / 25P
Synchronous Buck Converter with Integrated FET
BD8967FVM ROHM-BD8967FVM_15 Datasheet
745Kb / 25P
Synchronous Buck Converter with Integrated FET
BD9106FVM ROHM-BD9106FVM_14 Datasheet
3Mb / 50P
Synchronous Buck Converter with Integrated FET
BD9141MUV ROHM-BD9141MUV_15 Datasheet
958Kb / 26P
Synchronous Buck Converter with Integrated FET
BD9328EFJ ROHM-BD9328EFJ_15 Datasheet
1Mb / 23P
Synchronous Buck Converter with Integrated FET
BD91361MUV ROHM-BD91361MUV_14 Datasheet
2Mb / 27P
Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com