Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6002CB Datasheet(PDF) 6 Page - Intersil Corporation

Part # HIP6002CB
Description  Rectifier (PWM) Controller and Output Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6002CB Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HIP6002CB Datasheet HTML 2Page - Intersil Corporation HIP6002CB Datasheet HTML 3Page - Intersil Corporation HIP6002CB Datasheet HTML 4Page - Intersil Corporation HIP6002CB Datasheet HTML 5Page - Intersil Corporation HIP6002CB Datasheet HTML 6Page - Intersil Corporation HIP6002CB Datasheet HTML 7Page - Intersil Corporation HIP6002CB Datasheet HTML 8Page - Intersil Corporation HIP6002CB Datasheet HTML 9Page - Intersil Corporation HIP6002CB Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
inhibits PWM operation. The soft-start function recharges
CSS, and PWM operation resumes with the error amplifier
clamped to the SS voltage. Should an overload occur while
recharging CSS, the soft start function inhibits PWM operation
while fully charging CSS to 4V to complete its cycle. Figure 4
shows this operation with an overload condition. Note that the
inductor current increases to over 15A during the CSS
charging interval and causes an over-current trip. The
converter dissipates very little power with this method. The
measured input power for the conditions of Figure 4 is 2.5W.
The over-current function will trip at a peak inductor current
(IPEAK) determined by:
where IOCSET is the internal OCSET current source (200µA -
typical). The OC trip point varies mainly due to the MOSFET’s
rDS(ON) variations. To avoid over-current tripping in the normal
operating load range, find the ROCSET resistor from the
equation above with:
1. The maximum rDS(ON) at the highest junction
temperature.
2. The minimum IOCSET from the Specification Table.
3. Determine IPEAK for IPEAK >IOUT(MAX) +(∆I)/2, where ∆I
is the output inductor ripple current.
For an equation for the ripple current see the section under
component guidelines titled ‘Output Inductor Selection’.
A small ceramic capacitor should be placed in parallel with
ROCSET to smooth the voltage across ROCSET in the
presence of switching noise on the input voltage.
Output Voltage Program
The output voltage of a HIP6002 converter is digitally
programmed to levels between 2VDC and 3.5VDC. The
voltage identification (VID) pins program an internal voltage
reference (DACOUT) with a 4-bit digital-to-analog converter
(DAC). The level of DACOUT also sets the PGOOD and
OVP thresholds. Table 1 specifies the DACOUT voltage for
the 16 combinations of open or short connections on the VID
pins. The output voltage should not be adjusted while the
converter is delivering power. Remove input power or inhibit the
converter (EN pin to GND) before changing the output voltage.
Adjusting the output voltage during operation could toggle the
PGOOD signal and exercise the overvoltage protection.
The DAC function is a precision non-inverting summation
amplifier shown in Figure 5. The resistor values shown are
only approximations of the actual precision values used.
Grounding any combination of the VID pins increases the
DACOUT voltage. The ‘open’ circuit voltage on the VID pins
is the band gap reference voltage, 1.26V.
0A
0V
TIME (20ms/DIV)
5A
10A
15A
2V
4V
FIGURE 4. OVER-CURRENT OPERATION
I
PEAK
I
OCSET
R
OCSET
•
r
DS(ON)
---------------------------------------------------
=
TABLE 1. OUTPUT VOLTAGE PROGRAM
PIN NAME
NOMINAL
DACOUT
VOLTAGE
VID3
VID2
VID1
VID0
1111
2.0
1110
2.1
1101
2.2
1100
2.3
1011
2.4
1010
2.5
1001
2.6
1000
2.7
0111
2.8
0110
2.9
0101
3.0
0100
3.1
0011
3.2
0010
3.3
0001
3.4
0000
3.5
NOTE: 0 = connected to GND or VSS, 1 = OPEN.
HIP6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com