Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6002CB Datasheet(PDF) 11 Page - Intersil Corporation

Part # HIP6002CB
Description  Rectifier (PWM) Controller and Output Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6002CB Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HIP6002CB Datasheet HTML 4Page - Intersil Corporation HIP6002CB Datasheet HTML 5Page - Intersil Corporation HIP6002CB Datasheet HTML 6Page - Intersil Corporation HIP6002CB Datasheet HTML 7Page - Intersil Corporation HIP6002CB Datasheet HTML 8Page - Intersil Corporation HIP6002CB Datasheet HTML 9Page - Intersil Corporation HIP6002CB Datasheet HTML 10Page - Intersil Corporation HIP6002CB Datasheet HTML 11Page - Intersil Corporation HIP6002CB Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
+12V
+VO
PGND
HIP6002
VSEN
RT
FB
COMP
VID0
VID1
VID2
VID3
OVP
SS
PGOOD
D/A
GND
MONITOR
OSC
VCC
L1 - 1
µH
C1 - C4
L0
C15 - C21
0.1
µF
2x 1
µF
0.1
µF
0.1
µF
2.2nF
8.2nF
20K
1.33K
10K
3
µH
4x 330
µF
7x 1000
µF
0.1
µF
LGATE
UGATE
OCSET
PHASE
BOOT
EN
15
Q1
Q2
2N6394
1.1K
100pF
D2
F1
2K
VIN =
+5V
OR
+12V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
19
20
18
AND
PROTECTION
+
-
+
-
Component Selection Notes:
C15 - C21 each 1000
µF 6.3W VDC, Sanyo MV-GX or Equivalent.
C1 - C4 each 330
µF 25W VDC, Sanyo MV-GX or Equivalent.
L0 - Core: Micrometals T50-52B; Each Winding: 10 Turns of 16AWG.
L1 - Core: Micrometals T50-52; Winding: 5 Turns of 18AWG.
D1 - 1N4148 or Equivalent.
D2 - 3A, 40V Schottky, Motorola MBR340 or Equivalent.
Q1 - Q2 - Intersil MOSFET; RFP70N03.
FIGURE 12. PENTIUM PRO DC-DC CONVERTER
D1
HIP6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com