Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6014 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HIP6014
Description  Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6014 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HIP6014 Datasheet HTML 2Page - Intersil Corporation HIP6014 Datasheet HTML 3Page - Intersil Corporation HIP6014 Datasheet HTML 4Page - Intersil Corporation HIP6014 Datasheet HTML 5Page - Intersil Corporation HIP6014 Datasheet HTML 6Page - Intersil Corporation HIP6014 Datasheet HTML 7Page - Intersil Corporation HIP6014 Datasheet HTML 8Page - Intersil Corporation HIP6014 Datasheet HTML 9Page - Intersil Corporation HIP6014 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
operation with an overload condition. Note that the inductor
current increases to over 15A during the CSS charging interval
and causes an over-current trip. The converter dissipates very
little power with this method. The measured input power for the
conditions of Figure 4 is 2.5W.
The over-current function will trip at a peak inductor current
(IPEAK) determined by:
where IOCSET is the internal OCSET current source (200µA
typical). The OC trip point varies mainly due to the
MOSFET’s rDS(ON) variations. To avoid over-current tripping
in the normal operating load range, find the ROCSET resistor
from the equation above with:
1. The maximum rDS(ON) at the highest junction temperature.
2. The minimum IOCSET from the specification table.
3. Determine IPEAK for
,
where
∆I is the output inductor ripple current.
For an equation for the ripple current see the section under
component guidelines titled ‘Output Inductor Selection’.
A small ceramic capacitor should be placed in parallel with
ROCSET to smooth the voltage across ROCSET in the
presence of switching noise on the input voltage.
Output Voltage Program
The output voltage of a HIP6014 converter is programmed
to discrete levels between 1.8VDC and 3.5VDC. The
voltage identification (VID) pins program an internal voltage
reference (DACOUT) with a TTL-compatible 5-bit digital-to-
analog converter (DAC). The level of DACOUT also sets
the PGOOD and OVP thresholds. Table 1 specifies the
DACOUT voltage for the 32 different combinations of
connections on the VID pins. The output voltage should not
be adjusted while the converter is delivering power.
0A
0V
TIME (20ms/DIV.)
5A
10A
15A
2V
4V
FIGURE 4. OVER-CURRENT OPERATION
I
PEAK
I
OCSET
R
OCSET
•
r
DS ON
()
---------------------------------------------------
=
I
PEAK
I
OUT MAX
()
∆I
() 2
⁄
+
>
TABLE 1. OUTPUT VOLTAGE PROGRAM
PIN NAME
NOMINAL OUTPUT
VOLTAGE DACOUT
PIN NAME
NOMINAL OUTPUT
VOLTAGE DACOUT
VID4
VID3
VID2
VID1
VID0
VID4
VID3
VID2
VID1
VID0
01111
0
11111
0
01110
0
11110
2.1
01101
0
11101
2.2
01100
0
11100
2.3
01011
0
11011
2.4
01010
0
11010
2.5
01001
0
11001
2.6
01000
0
11000
2.7
00111
0
10111
2.8
00110
0
10110
2.9
00101
1.80
10101
3.0
00100
1.85
10100
3.1
00011
1.90
10011
3.2
00010
1.95
10010
3.3
00001
2.00
10001
3.4
00000
2.05
10000
3.5
NOTE: 0 = connected to GND or VSS, 1 = connected to VDD through pull-up resistors
HIP6014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com